Electronic Components Datasheet Search
  English  ▼

X  

ST7712 Datasheet(PDF) 86 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 86 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
ST7712
Ver 2.3
86/113
2007/07/19
AC Characteristics
(VDD = 1.8 to 3.3 V, Ta = –40 to +85°C )
Clock Characteristics (VDD = 1.8 to 3.3 V)
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Notes
External clock
Frequency
Fcp
kHz
VDD = 1.8 t0 3.3V
100
270
600
External clock duty ratio
Duty
%
VDD = 1.8 t0 3.3V
45
50
55
External clock rise time
Trcp
µs
VDD = 1.8 t0 3.3V
--
--
0.2
External clock fall time
Tfcp
µs
VDD = 1.8 t0 3.3V
--
--
0.2
R-C oscillation clock
FOSC
kHz
Rf=240KΩ VCC=3V
192
240
288
Liquid crystal driver output characteristics
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Driver output
delay time
tdd
µs
VDD =2.8V, VDH=5.4V,
CR oscillation ;fosc=190kHz(132 lines),
Ta=25℃、REV="0", SAP="010", AP=”010”,
VRN[4:0]="0",VRP[4:0]="0"
PKP[52:00]="0",PRP[12:00]="0"
PKP[52:00]="0",PRP[12:00]="0"
All pins changes at the same time from same
grayscale. The time till output level reaches
―35mV when VCOM polarity changes.
Load resistance R=10kΩ、Load capacity C=20pF
--
30
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com