Electronic Components Datasheet Search
  English  ▼

X  

ST7773 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7773 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
ST7773
Ver. 2.0
2008-07-07
59
9.18.2 Reset Timing
VSS=0V, VDDI=1.6 to 3.3V, VDD=2.7 to 3.3V, Ta = 25
)
℃
Symbol
Parameter
Related Pins
MIN
TYP
MAX
Note
Unit
tRESW
*1) Reset low pulse width
RESX
10
-
-
-
us
tREST
Reset complete time
-
120
-
-
ms
Note 1 Spike due to an electrostatic discharge on RESX line does not cause irregular system reset according to the table
below.
Note 2. During Reset Complete Time, ID2 and VCOMOF value in EEPROM will be latched to internal register during this
period.This loading is done every time when there is H/W reset complete time (tREST) within 5ms after a rising
edge of RESX.
Note 3. Spike Rejection also applies during a valid reset pulse as shown below:
RESX Pulse
Action
Shorter than 5us
Reset Rejected
Longer than 10us
Reset
Between 5us and 10us
Reset starts (It depends on voltage and temperature condition.)
"RESET" is accepted
10us
10us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com