Electronic Components Datasheet Search
  English  ▼

X  

ST7773 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7773 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
ST7773
Ver. 2.0
2008-07-07
23
9. Function description
9.1 Interface type selection
The selection of given interfaces are done by setting IM2, IM1, and IM0 pins as shown in following table.
Table 9.1.1 Selection of MCU interface
IM2
IM1
IM0
Interface
Read back selection
0
-
-
3-line serial interface
Via the read instruction
1
0
0
8080 MCU 8-bit parallel
RDX strobe (8-bit read data and 8-bit read parameter)
1
0
1
8080 MCU 16-bit parallel
RDX strobe (16-bit read data and 8-bit read parameter)
1
1
0
8080 MCU 9-bit parallel
RDX strobe (9-bit read data and 8-bit read parameter)
1
1
1
8080 MCU 18-bit parallel
RDX strobe (18-bit read data and 8-bit read parameter)
Table 9.1.2 Pin connection according to various MCU interface
IM2
IM1
IM0
Interface
RDX
WRX
D/CX
Read back selection
0
-
-
3-line serial interface
Note1
Note1
SCL
D[17:1]: unused, D0: SDA
1
0
0
8080 8-bit parallel
RDX
WRX
D/CX
D[17:8]: unused, D7-D0: 8-bit data
1
0
1
8080 16-bit parallel
RDX
WRX
D/CX
D[17:16]: unused, D15-D0: 16-bit data
1
1
0
8080 9-bit parallel
RDX
WRX
D/CX
D[17:9]: unused, D8-D0: 9-bit data
1
1
1
8080 18-bit parallel
RDX
WRX
D/CX
D17-D0: 18-bit data
Note 1. Unused pins must be connected to DGND or VDDI.
9.2 Write cycle sequence
The write cycle means that the host writes information (command or/and data) to the display via the interface. Each write
cycle (WRX high-low-high sequence) consists of 3 control signals (D/CX, RDX, WRX) and data signals (D[17:0]). D/CX bit
is a control signal, which tells if the data is a command or a data. The data signals are the command if the control signal is
low (=’0’) and vice versa it is data (=’1’).
Fig. 9.2.1 8080-series WRX protocol
Note: WRX is an unsynchronized signal (It can be stopped).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com