Electronic Components Datasheet Search
  English  ▼

X  

ST7038 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7038
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7038 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7038 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
ST7038
Ver 1.3
30/63
2008/05/27
Read Status
BF: Busy Flag
When BF is “H”, it indicates that the internal operation is processing. So the next instruction(s) cannot be accepted until
BF=”L”. Be sure to check BF bit before issuing next instruction. In serial interface mode (including I
2C mode), please use
delay to avoid the next instruction conflict with the internal operation.
AC: Address Counter
In parallel interface modes the Address Counter (AC) can be read by MPU on DB6~DB0. The AC stores DDRAM/CGRAM
address which is transferred from IR. After each byte access (read/write) with DDRAM/CGRAM, AC is adjusted by 1
automatically (increase or decrease is controlled by the setting of Entry Mode).
Write Data to CGRAM, DDRAM or ICON RAM
This operation writes binary 8-bit data to CGRAM, DDRAM or ICON RAM. The selection of RAM (DDRAM, CGRAM or ICON
RAM) is controlled by the previous “Set xxxxx Address” instruction (Set DDRAM Address, Set CGRAM Address, Set ICON
RAM Address).
RAM set instruction can also determine the AC direction to RAM.
After write operation, the address is adjusted by 1 automatically (increase or decrease is controlled by the setting of Entry
Mode).
Read Data from DDRAM, CGRAM or ICON RAM
This operation reads binary 8-bit data from DDRAM, CGRAM or ICON RAM. The selection of RAM (DDRAM, CGRAM or
ICON RAM) is controlled by the previous “Set xxxxx Address” instruction. Make sure the selected RAM (DDRAM, CGRAM or
ICON RAM) is correct before read data operation.
Instruction Table 0, IS[1:0]=(0,0)
Cursor or Display Shift
This instruction is different from the “Entry Mode Set” instruction. The shift is performed immediately right after receiving this
instruction. The data search or data correction in applications can be easily achieved by using screen and cursor shift.
S/C
R/L
Description
AC Value
L
L
Shift cursor left.
AC=AC-1
L
H
Shift cursor right.
AC=AC+1
H
L
Shift Screen (current display) left.
Cursor follows the screen to shift left.
AC=AC
H
H
Shift Screen (current display) right.
Cursor follows the screen to shift right.
AC=AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com