Electronic Components Datasheet Search
  English  ▼

X  

ST7038 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7038
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7038 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7038 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
ST7038
Ver 1.3
22/63
2008/05/27
Character Generator RAM (CGRAM)
The Character Generator RAM is reserved for customers to rewrite character patterns by program. Total 8 character patterns
(each one is 5x8-dot) can be stored in CGRAM. Each byte of CGRAM has 5 bits and a character pattern (5x8-bit) uses 8
bytes to store its pattern. Refer to Table 6 for the relationship among DDRAM data, CGRAM addresses and CGRAM data.
Areas that are not used for display can be used as general data RAM (* only 5-bit per byte).
To display the CGRAM Data (customized Character Pattern), write the Character Code (light green part in Table 6) into
DDRAM (be sure the OPR2 & OPR1 settings are correct… refer to Table 7).
Display CGRAM Pattern
Generate CGRAM Pattern
Character Code
(DDRAM Data)
CGRAM Address
(Instruction)
Character Pattern
(CGRAM Data)
b7
b6
b5
b4
b3
b2
b1
b0
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
1
1
1
1
1
0
0
1
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
0
0
1
0
0
1
0
0
0
0
1
0
0
1
0
1
0
0
1
0
0
1
1
0
0
0
1
0
0
0
0
0
0
-
*4
0
0
0
0
0
0
1
1
1
-
-
-
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
1
1
0
0
0
1
0
1
0
1
0
0
0
1
0
1
1
1
1
1
1
0
1
0
0
1
0
1
0
0
1
0
1
1
0
0
1
0
1
1
0
1
0
0
0
1
0
0
0
0
-
*4
0
0
1
0
0
1
1
1
1
-
-
-
0
0
0
0
0
Table 6
Relationship among CGRAM Address, Character Code (DDRAM Data) & Character Pattern (CGRAM Data)
Notes:
1.
Character code bits 2 to 0 are identical with CGRAM address bits 5 to 3 (the red block and red arrow).
These 3 bits indicate there are maximum 8 character patterns can be generated by CGRAM.
2.
CGRAM address bits 2 to 0 point to the character pattern line position. The 8th line is the cursor position and its display
is formed by a logical OR with the cursor. Try to keep the 8th line data at 0. Otherwise, those pixels with 1 in the 8th line
will be turned ON no matter the cursor is ON or OFF.
3.
Character pattern row positions correspond to CGRAM data bits 4 to 0 (bit 4 is on the left side).
4.
As shown in Table 6, character patterns in CGRAM are selected when character code bits 7 to 4 are all 0 (assume
OPR2 & OPR1 setting are correct). However, since character code bit 3 is not used, the “R” pattern in Table 6 can be
selected by either character code 01H or 09H.
5.
In CGRAM data, “1” corresponds to display selection, “0” to non-selection while “-” indicates no effect.
6.
Different CGRAM size can be selected by instruction (OPR2 & OPR1). Please refer to Table 7 and instruction
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com