Electronic Components Datasheet Search
  English  ▼

X  

ST7038 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7038
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7038 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7038 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7038 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
ST7038
Ver 1.3
49/63
2008/05/27
8080 Interface
tAH8
tAW8
tCYC8
tCCLR,tCCLW
tCCHR,tCCHW
tDS8
tACC8
tOH8
tDH8
WR,RD
A0
D0 to D7
(Write)
D0 to D7
(Read)
CSB
Ta = -30 ~ 85
oC
Item
VDD=1.8V
VDD=2.5V
VDD=3.3V
Signal
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Units
Address hold time
RS
tAH8
80
-
30
-
30
-
*Address setup time
RS
tAW8
0
-
0
-
0
-
ns
System cycle time
RS
tCYC8
240
-
190
-
150
-
ns
Enable L pulse width (WRITE)
D0 to D7
tCCLW
180
-
140
-
110
-
Enable H pulse width (WRITE)
D0 to D7
tCCHW
20
-
20
-
20
-
ns
Enable L pulse width (READ)
D0 to D7
tCCLR
180
-
140
-
110
-
Enable H pulse width (READ)
D0 to D7
tCCHR
20
-
20
-
20
-
ns
WRITE Data setup time
Write
tDS8
120
-
80
-
70
-
ns
WRITE Data hold time
Write
tDH8
80
-
50
-
50
-
ns
READ access time, CL= 100 pF
Read
tACC8
-
240
-
220
-
180
ns
READ Output disable time, CL = 100
pF
Read
tOH8
120
-
-
100
-
80
ns
Note: All timing is specified using 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com