Electronic Components Datasheet Search
  English  ▼

X  

BS0704102MF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # BS0704102MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0704102MF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  BS0704102MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
REF :
PROD.
NAME
SHIELDED SMD
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 2
AR-001A
3). L Test Freq.:1KHz / 1V
4). Irms base on Temp. rise 40
max.
℃
1).
:Packaging Information… A:Bulk B:Taping Reel
BS0704820MF□
BS0704101MF□
BS0704121MF□
BS0704680MF□
BS0704560MF□
BS0704470MF□
BS0704390MF□
BS0704220MF□
BS0704270MF□
BS0704330MF□
BS0704150MF□
BS0704180MF□
BS0704120MF□
DWG No.
BS0704100MF□
10.0±20%
1.80
680.0±20%
470.0±20%
330.0±20%
220.0±20%
1K
1K
1K
1K
150.0±20%
100.0±20%
68.0±20%
15.0±20%
33.0±20%
22.0±20%
1K
1K
1K
1K
1K
1K
0.70
0.78
0.60
0.86
0.550
0.300
0.400
0.450
1.35
1.45
1.65
0.95
1.17
1.05
0.210
0.240
0.190
0.130
0.150
0.096
Inductance
(uH)
1K
1K
1K
1K
(Hz) / 1V
Test Freq.
2.10
Irms
2.00
1.90
0.052
0.062
0.075
0.090
RDC
max.
(Ω)
(A)
0.90
0.70
0.78
1.30
1.10
0.96
1.20
1.45
1.75
1.62
2.50
2.10
1.95
2.30
Isat
(A)
5). Isat base on
L/L0A=25% max.
△
BS0704151MF□
BS0704181MF□
1K
BS0704681MF□
BS0704102MF□
BS0704821MF□
BS0704331MF□
BS0704561MF□
BS0704471MF□
BS0704391MF□
BS0704271MF□
BS0704221MF□
2.800
0.24
1K
3.500
4.100
1K
1K
0.20
0.22
0.820
1.200
0.950
1.500
2.200
1.850
2.600
1K
1K
1K
1K
1K
1K
0.34
0.29
0.26
0.32
0.38
0.46
0.42
0.760
1K
0.48
0.28
0.24
0.26
0.40
0.34
0.30
0.36
0.46
0.50
0.54
0.58
390.0±20%
820.0±20%
560.0±20%
180.0±20%
270.0±20%
120.0±20%
82.0±20%
1000.0±20%
39.0±20%
27.0±20%
12.0±20%
18.0±20%
56.0±20%
47.0±20%
2)."-
":Reference code
□
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
BS0704□□□□F□-□□□
BS07045R6MF□
BS07046R8MF□
BS07043R3MF□
BS07044R7MF□
BS07042R2MF□
3.60
3.3±20%
5.6±20%
1K
1K
2.80
3.00
0.040
0.032
1K
1K
1K
4.20
3.80
0.018
0.022
0.028
3.40
3.20
4.40
4.00
5.00
6.8±20%
2.2±20%
4.7±20%
-□□□
-□□□
-□□□
-□□□
-□□□
BS07041R0MF□
1K
5.00
0.013
5.60
1.0±20%
-□□□
20100112-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com