Electronic Components Datasheet Search
  English  ▼

X  

BS0704102MF Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # BS0704102MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0704102MF Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  BS0704102MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Outer : Carton
G.W. (Kg)
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
( 2 ) Dimensions
StyleA
Style
Inner : Reel
G.W. (gw)
Q'TY (pcs)
User direction of feed
C
BD
Size (cm)
G
+0
N
-0
Unit:m/m
T
Carrier Tape Width : D
※
no component
End
Leader
4 m/m
P:12 m/m
G
C
∮
( 1 ) Configuration
2.0±0.5
Ⅶ﹒PACKAGING INFORMATION:
T
Start
Trailer
no component
Embossed Carrier
D
Cover Tape
NAME
PROD.
REF :
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
PAGE: 4
40 x 40 x 24
825
BS0704-F
1,000
6,000
13 - 16
11.6
22.4
50
18
21±0.8
13 - 16
330
13±0.5
16
SHIELDED SMD
POWER INDUCTOR
AR-001A
200 m/m min.
Components
400 m/m min.
1R0
1R0
1R0
1R0
BS0704□□□□F□-□□□
20100112-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com