Electronic Components Datasheet Search
  English  ▼

X  

BS0704102MF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # BS0704102MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0704102MF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  BS0704102MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp BS0704102MF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F :
4.80 typ.
SPECIFICATION FOR APPROVAL
A :
7.30 ± 0.2
E :
4.60 typ.
D :
2.00 typ.
C :
4.50 ± 0.2
B :
7.30 ± 0.2
BS0704□□□□F□-□□□
a﹒Core:Ferrite DR core
c﹒Wire:Enamelled copper wire (class H)
d﹒Terminal:Cu/Ni/Sn
e
Ⅲ﹒MATERIALS LIST:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF : 20100112-A
SHIELDED SMD
ABC'S ITEM NO.
ABC'S DWG NO.
a
b
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
e﹒Base:LCP Base
d
f﹒Adhesive:Epoxy resin
b﹒Core:Ferrite RI core
c
POWER INDUCTOR
Ⅳ﹒ELECTRICAL CHARACTERISTICS:
d﹒Ressistance to solder heat:260℃ . 10 secs.
c﹒Operating temp.:-25℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ max.
(PCB Pattern)
G :
2.40 ref
H :
1.50 ref
AR-001A
m/m
m/m
H
H
F
A
E
Time ( seconds )
0
100
50
150
250
200
50
100
R ising Area
Temperature
+4.0
/ sec max.
℃
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
Peak Temperature:
250
200
150
50sec max.
70sec max.
260℃
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced C ooling Area
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
E :
4.90 typ.
m/m
'
E'
g﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - BS0704102MF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
BS0703100MF ABC-BS0703100MF Datasheet
113Kb / 6P
SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703101MF ABC-BS0703101MF Datasheet
113Kb / 6P
SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703102MF ABC-BS0703102MF Datasheet
113Kb / 6P
SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703120MF ABC-BS0703120MF Datasheet
113Kb / 6P
SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703121MF ABC-BS0703121MF Datasheet
113Kb / 6P
SHIELDED SMD POWER INDUCTOR
20100112-A
More results

Similar Description - BS0704102MF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com