Electronic Components Datasheet Search
  English  ▼

X  

B43044 Datasheet(PDF) 14 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 14 Page - EPCOS

Back Button B43044 Datasheet HTML 10Page - EPCOS B43044 Datasheet HTML 11Page - EPCOS B43044 Datasheet HTML 12Page - EPCOS B43044 Datasheet HTML 13Page - EPCOS B43044 Datasheet HTML 14Page - EPCOS B43044 Datasheet HTML 15Page - EPCOS B43044 Datasheet HTML 16Page - EPCOS B43044 Datasheet HTML 17Page - EPCOS B43044 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
14 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B43044
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
400
10
10
× 20
2.9
180
B43044A9106M***
22
12.5
× 25
1.3
300
B43044A9226M***
33
16
× 25
0.91
600
B43044A9336M***
47
16
× 25
0.73
700
B43044A9476M***
68
18
× 31.5
0.49
1100
B43044A9686M***
100
18
× 40
0.34
1250
B43044A9107M***
450
3.3
10
× 20
6.5
150
B43044A5335M***
4.7
12.5
× 20
3.6
200
B43044A5475M***
10
12.5
× 25
2.5
315
B43044A5106M***
22
16
× 25
1.7
570
B43044A5226M***
33
16
× 31.5
1.1
620
B43044A5336M***
47
18
× 31.5
0.93
900
B43044A5476M***
68
18
× 35.5
0.71
980
B43044A5686M***
AEC-C_B41044_B43044.book Seite 14 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com