Electronic Components Datasheet Search
  English  ▼

X  

B43044 Datasheet(PDF) 6 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 6 Page - EPCOS

Back Button B43044 Datasheet HTML 2Page - EPCOS B43044 Datasheet HTML 3Page - EPCOS B43044 Datasheet HTML 4Page - EPCOS B43044 Datasheet HTML 5Page - EPCOS B43044 Datasheet HTML 6Page - EPCOS B43044 Datasheet HTML 7Page - EPCOS B43044 Datasheet HTML 8Page - EPCOS B43044 Datasheet HTML 9Page - EPCOS B43044 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
6
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types B41044
VR (V DC)
6.3
10
16
25
Case dimensions d
× l (mm)
CR (µF)
4.7
5
× 11
10
5
× 11
5
× 11
22
5
× 11
5
× 11
5
× 11
5
× 11
33
5
× 11
5
× 11
5
× 11
5
× 11
47
5
× 11
5
× 11
5
× 11
5
× 11
100
5
× 11
5
× 11
6.3
× 11
6.3
× 11
150
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
220
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
330
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
470
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
680
10
× 12.5
10
× 12.5
10
× 16
10
× 20
1000
10
× 12.5
10
× 16
10
× 20
12.5
× 20
1500
10
× 20
10
× 20
12.5
× 20
16
× 20
2200
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
3300
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
4700
16
× 25
16
× 25
16
× 31.5
18
× 35.5
6800
16
× 25
16
× 31.5
18
× 35.5
10000
16
× 31.5
16
× 35.5
15000
16
× 35.5
AEC-C_B41044_B43044.book Seite 6 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com