Electronic Components Datasheet Search
  English  ▼

X  

B43044 Datasheet(PDF) 3 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 3 Page - EPCOS

  B43044 Datasheet HTML 1Page - EPCOS B43044 Datasheet HTML 2Page - EPCOS B43044 Datasheet HTML 3Page - EPCOS B43044 Datasheet HTML 4Page - EPCOS B43044 Datasheet HTML 5Page - EPCOS B43044 Datasheet HTML 6Page - EPCOS B43044 Datasheet HTML 7Page - EPCOS B43044 Datasheet HTML 8Page - EPCOS B43044 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 … 450 V DC
Operating tempera-
ture range
VR < 350 V DC: –40 °C … +105 °C
VR ≥ 350 V DC: –25 °C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.22 … 15000
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
VR ≤ 100 V DC
VR > 100 V DC
Requirements:
∆C/C ≤ ±20% of
initial value
tan
δ≤ 2 times initial
specified value
Ileak ≤ initial
specified limit
2000 h for d = 5 ... 6.3 mm
3000 h for d = 8 mm
5000 h for d
≥ 10 mm
2000 h
Leakage current Ileak VR ≤ 100 V DC
VR > 100 V DC
whichever is greater
(20
°C, after 1 minute)
(20
°C, after 5 minutes)
Dissipation factor
(max.)
(20
°C, 120 Hz)
VR
(V DC)
6.3
10
16
25
35
50
63
100 160
…
315
350
…
450
tan
δ
0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 0.15 0.20
For capacitance higher than 1000
µF add 0.02 for every increase of
1000
µF.
Low temperature
stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
10
16
25 ... 100
160 ... 250 315 ... 450
43
2
2
3
8
86
4
3
4
–
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR to be
applied for 30 minutes, 24 to 48 hours before measurement.
leak
0.03 µA
CR
µF
-------
VR
V
-------
⋅
⎝⎠
⎛⎞ or 4 µA
⋅
≤
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
⋅
⎝⎠
⎛⎞ +15 µA
⋅
≤
Z25 °C
–
()
Z+20 °C
()
---------------------------
Z40 °C
–
()
Z+20 °C
()
---------------------------
AEC-C_B41044_B43044.book Seite 3 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com