Electronic Components Datasheet Search
  English  ▼

X  

B59041 Datasheet(PDF) 2 Page - EPCOS

Part # B59041
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59041 Datasheet(HTML) 2 Page - EPCOS

  B59041 Datasheet HTML 1Page - EPCOS B59041 Datasheet HTML 2Page - EPCOS B59041 Datasheet HTML 3Page - EPCOS B59041 Datasheet HTML 4Page - EPCOS B59041 Datasheet HTML 5Page - EPCOS B59041 Datasheet HTML 6Page - EPCOS B59041 Datasheet HTML 7Page - EPCOS B59041 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1) Measured between points
Applications
Automotive applications
diesel fuel preheating
defrosting
additional cabin heating
Low-voltage home appliances
Features
Silver metallization
For clamp contacting, not suitable for
soldering
Self-regulating
RoHS-compatible
Options
Other dimensions and ratings on request
Delivery mode
Packed in styrofoam trays
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
Vmax
20
V DC
Rated voltage
VR
12
V DC
Breakdown voltage
VBD
> 40
V
Curvature
< 0.05
mm
Operating temperature range
(V = 0)
Top
40/+200
°C
Operating temperature range
(V = VR)
Top
40/+100
°C
Tolerance of RR
∆R
R
±50
%
Electrical specifications and ordering codes
Tref
(typ.)
°C
Rmin
(V = VR)
Ω
Tsurf1)
(V = VR)
°C
RR
(Vmeas
≤ 1.5 V)
Ω
Ordering code
80
1.00
110
3.2
B59041R0080A010
120
1.00
145
3.2
B59041R0120A010
160
0.75
180
3.2
B59041R0160A010
180
0.75
200
3.2
B59041R0180A010
220
1.00
230
6.4
B59041R0220A010
Heating elements
Metallized rectangular disks, 12 V
R41
Page 2 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com