Electronic Components Datasheet Search
  English  ▼

X  

B59041 Datasheet(PDF) 3 Page - EPCOS

Part # B59041
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59041 Datasheet(HTML) 3 Page - EPCOS

  B59041 Datasheet HTML 1Page - EPCOS B59041 Datasheet HTML 2Page - EPCOS B59041 Datasheet HTML 3Page - EPCOS B59041 Datasheet HTML 4Page - EPCOS B59041 Datasheet HTML 5Page - EPCOS B59041 Datasheet HTML 6Page - EPCOS B59041 Datasheet HTML 7Page - EPCOS B59041 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, Vmax
Number of cycles: 10 000
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax/Top,max (VR)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 25%
Characteristics (typical)
PTC resistance RPTC
versus PTC temperature TPTC
(measured at low signal voltage)
PTC resistance RPTC
versus PTC temperature TPTC
(measured at low signal voltage)
Heating elements
Metallized rectangular disks, 12 V
R41
Page 3 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com