Electronic Components Datasheet Search
  English  ▼

X  

B59041 Datasheet(PDF) 6 Page - EPCOS

Part # B59041
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59041 Datasheet(HTML) 6 Page - EPCOS

  B59041 Datasheet HTML 1Page - EPCOS B59041 Datasheet HTML 2Page - EPCOS B59041 Datasheet HTML 3Page - EPCOS B59041 Datasheet HTML 4Page - EPCOS B59041 Datasheet HTML 5Page - EPCOS B59041 Datasheet HTML 6Page - EPCOS B59041 Datasheet HTML 7Page - EPCOS B59041 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Symbols and terms
A
Area
Cth
Heat capacity
f
Frequency
I
Current
Imax
Maximum current
IR
Rated current
IPTC
PTC current
Ir
Residual currrent
Ir,oil
Residual currrent in oil (for level sensors)
Ir,air
Residual currrent in air (for level sensors)
IRMS
Root-mean-square value of current
IS
Switching current
ISmax
Maximum switching current
LCT
Lower category temperature
N
Number (integer)
Nc
Operating cycles at Vmax, charging of capacitor
Nf
Switching cycles at Vmax, failure mode
P
Power
P25
Maximum power at 25
°C
Pel
Electrical power
Pdiss
Dissipation power
Rmin
Minimum resistance
RR
Rated resistance
∆R
R
Tolerance of RR
RP
Parallel resistance
RPTC
PTC resistance
Rref
Reference resistance
RS
Series resistance
R25
Resistance at 25
°C
R25,match
Resistance matching per reel/ packing unit at 25
°C
∆R
25
Tolerance of R25
T
Temperature
t
Time
TA
Ambient temperature
ta
Thermal threshold time
TC
Ferroelectric Curie temperature
Heating elements
Metallized rectangular disks, 12 V
R41
Page 6 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com