Electronic Components Datasheet Search
  English  ▼

X  

BLF645 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF645
Description  Broadband power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF645 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF645 Datasheet HTML 2Page - NXP Semiconductors BLF645 Datasheet HTML 3Page - NXP Semiconductors BLF645 Datasheet HTML 4Page - NXP Semiconductors BLF645 Datasheet HTML 5Page - NXP Semiconductors BLF645 Datasheet HTML 6Page - NXP Semiconductors BLF645 Datasheet HTML 7Page - NXP Semiconductors BLF645 Datasheet HTML 8Page - NXP Semiconductors BLF645 Datasheet HTML 9Page - NXP Semiconductors BLF645 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BLF645_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
6 of 13
NXP Semiconductors
BLF645
Broadband power LDMOS transistor
8.1.2 2-Tone CW
VDS = 32 V; IDq = 900 mA (for total device);
f = 1300 MHz; carrier spacing = 100 kHz.
VDS = 32 V; f = 1300 MHz; carrier spacing = 100 kHz.
(1) IDq = 200 mA (for total device).
(2) IDq = 400 mA (for total device).
(3) IDq = 600 mA (for total device).
(4) IDq = 900 mA (for total device).
(5) IDq = 1200 mA (for total device).
(6) IDq = 1400 mA (for total device).
(7) IDq = 1800 mA (for total device).
Fig 4.
Power gain and drain efficiency as function of
peak envelope load power; typical values
Fig 5.
Third order intermodulation distortion as a
function of peak envelope load power; typical
values
PL(PEP) (W)
0
160
120
40
80
001aal364
Gp
(dB)
16
18
20
15
17
19
14
ηD
(%)
20
40
60
10
30
50
0
ηD
Gp
PL(PEP) (W)
0
200
160
80
120
40
001aal365
−40
−20
0
IMD3
(dBc)
−60
−30
−10
−50
(1)
(2)
(3)
(4)
(5)
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com