Electronic Components Datasheet Search
  English  ▼

X  

BLF645 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF645
Description  Broadband power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF645 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF645 Datasheet HTML 1Page - NXP Semiconductors BLF645 Datasheet HTML 2Page - NXP Semiconductors BLF645 Datasheet HTML 3Page - NXP Semiconductors BLF645 Datasheet HTML 4Page - NXP Semiconductors BLF645 Datasheet HTML 5Page - NXP Semiconductors BLF645 Datasheet HTML 6Page - NXP Semiconductors BLF645 Datasheet HTML 7Page - NXP Semiconductors BLF645 Datasheet HTML 8Page - NXP Semiconductors BLF645 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
A 100 W LDMOS RF power push-pull transistor for broadcast transmitter and industrial
applications. The transistor is suitable for the frequency range HF to 1400 MHz. The
excellent ruggedness and broadband performance of this device makes it ideal for digital
applications.
1.2 Features
CW performance at 1300 MHz, a drain-source voltage VDS of 32 V and a quiescent
drain current IDq = 0.9 A for total device:
Average output power = 100 W
Power gain = 18 dB
Drain efficiency = 56 %
2-tone performance at 1300 MHz, a drain-source voltage VDS of 32 V and a quiescent
drain current IDq = 0.9 A for total device:
Peak envelope load power = 100 W
Power gain = 18 dB
Drain efficiency = 45 %
Intermodulation distortion =
−32 dBc
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
BLF645
Broadband power LDMOS transistor
Rev. 01 — 27 January 2010
Product data sheet
Table 1.
Typical performance
RF performance at Th = 25 °C in a common source test circuit.
Mode of operation
f
VDS
PL
PL(PEP)
Gp
η
D
IMD
(MHz)
(V)
(W)
(W)
(dB)
(%)
(dBc)
CW, class-AB
1300
32
100
-
18
56
-
2-tone, class-AB
1300
32
-
100
18
45
−32


Similar Part No. - BLF645

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF645 PHILIPS-BLF645_15 Datasheet
173Kb / 13P
Broadband power LDMOS transistor
Rev. 01-27 January 2010
More results

Similar Description - BLF645

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF640 PHILIPS-BLF640_15 Datasheet
195Kb / 12P
Broadband power LDMOS transistor
Rev. 2-11 April 2013
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
Broadband power LDMOS transistor
Rev. 2-12 April 2013
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com