Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2016 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLNB2016
Description  STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2016 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLNB2016 Datasheet HTML 1Page - Diodes Incorporated ZLNB2016 Datasheet HTML 2Page - Diodes Incorporated ZLNB2016 Datasheet HTML 3Page - Diodes Incorporated ZLNB2016 Datasheet HTML 4Page - Diodes Incorporated ZLNB2016 Datasheet HTML 5Page - Diodes Incorporated ZLNB2016 Datasheet HTML 6Page - Diodes Incorporated ZLNB2016 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZLNB2016
ZLNB2016
Document number: DS32073 Rev. 1 - 2
1 of 7
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
Summary
The ZLNB2016 is a dual channel polarisation (voltage) and band select (tone) detector IC, primarily for satellite applications such
as Low Noise Blocks (LNBs) and satellite distribution systems. An optimised design provides a low supply current and a wide
operating voltage whilst increasing performance and reliability. The ZLNB2016 offers excellent interference rejection with
minimal application cost and packaged in the 3x3mm QFN it provides a very small solution.
Features
•
Two polarisation voltage detectors
•
Two robust, interference tolerant 22kHz tone detection
(without external signal filtering)
•
“No Receiver” detect function for power saving and
isolation control
•
Low quiescent supply current, 2mA typical
•
Wide operating supply voltage 3V to 8V
•
Low external component count minimises application
cost
•
True and inverted outputs to support popular multiplexer
ICs
Pin Assignments
Application
•
Twin Universal LNBs
•
Quad Universal LNBs
•
Multi Output LNBs
•
Satellite Multi-Switches
Twin Universal LNB System Diagram
Top View
Bottom View
BTD1
BTD2
TD2
FIN1
TD1
VPOL2
FIN2
VPOL1
GND
4x2
MUX
ZLPM
Series
Vout
IF Gain
IF Switching
IF Gain,
LNB Control &
Power Mgt.
Down
Conversion
Set-top box
Receiver 1
Set-top box
Receiver 2
ZABG
Series
ZLNB
2016
RF Gain Stages
GaAs FET’s


Similar Part No. - ZLNB2016

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2010 ZETEX-ZLNB2010 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2010 DIODES-ZLNB2010 Datasheet
126Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
APRIL 2002
logo
Zetex Semiconductors
ZLNB2010Q16 ZETEX-ZLNB2010Q16 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
OCTOBER 2001
More results

Similar Description - ZLNB2016

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
Dual Channel Voltage Detector
2002
logo
Zetex Semiconductors
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB2015 DIODES-ZLNB2015 Datasheet
88Kb / 7P
ADVANCED DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32061 Rev. 1 - 2
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
Tone Detector
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
DBS tone and polarity multiplex controller
SEPTEMBER 2005
logo
Microchip Technology
TC52 MICROCHIP-TC52_13 Datasheet
182Kb / 12P
Dual Channel Voltage Detector
11/27/12 2001-2012
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
Tone Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com