Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2016 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLNB2016
Description  STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2016 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLNB2016 Datasheet HTML 1Page - Diodes Incorporated ZLNB2016 Datasheet HTML 2Page - Diodes Incorporated ZLNB2016 Datasheet HTML 3Page - Diodes Incorporated ZLNB2016 Datasheet HTML 4Page - Diodes Incorporated ZLNB2016 Datasheet HTML 5Page - Diodes Incorporated ZLNB2016 Datasheet HTML 6Page - Diodes Incorporated ZLNB2016 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZLNB2016
ZLNB2016
Document number: DS32073 Rev. 1 - 2
3 of 7
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.6 to +10 Continuous
V
Supply Current
50
mA
VPOL 1, 2 Input Voltage (Note 1)
25
V
Power Dissipation
500
mW
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +150
°C
Electrical Characteristics (at Tamb = 25°C, Vcc = 3.3V unless otherwise specified.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Voltage Range
3.0
8.0
V
Supply Current
All outputs unloaded, any combination of inputs
2.0
3.0
mA
VPOL1, 2 Inputs (Note 1)
Input Current
VPOL1,2 = 15V
32
42.5
53
uA
HOR Threshold
TAMB = -40 to +85°C
14.0
14.75
15.5
V
ENA Threshold
TAMB = -40 to +85°C
7.5
8.0
8.5
V
Switching Speed
HOR, BHOR and ENA outputs
1
ms
HOR1, 2 Outputs
Voltage High
ILOAD = -1mA, VPOL1,2 = 15.5V
VCC-0.5
VCC-0.3
VCC
V
Voltage Low
ILOAD = 5mA, VPOL1,2 = 14.0V
0
0.3
0.5
V
BHOR1, 2 Outputs
Voltage High
ILOAD = -1mA, VPOL1,2 = 14.0V
VCC-0.5
VCC-0.3
VCC
V
Voltage Low
ILOAD = 5mA, VPOL1,2 = 15.5V
0
0.3
0.5
V
ENA1, 2 Outputs
Voltage High
ILOAD = -1mA, VPOL1,2 = 8.5V
VCC-0.5
VCC-0.3
VCC
V
Voltage Low
ILOAD = 5mA, VPOL1,2 = 7.5V
0
0.3
0.5
V
FIN 1, 2 Inputs (Using Test Circuit 1)
Bias Voltage
IFIN = 0
1.25
1.74
2.25
V
Input Impedance
VFIN = 100mVP/P
40
k
Ω
Amplifier Gain
VFIN = 100mVP/P
50
Voltage Threshold
100
150
300
mV
Switching Delay
TD Outputs
3
10
ms
TD1, 2 Outputs (Using Test Circuit 1)
Voltage High
ILOAD = -1mA, Tone Enabled
VCC-0.5
VCC-0.3
VCC
V
Voltage Low
ILOAD = 5mA, Tone Disabled
0
0.3
0.5
V
BTD1, 2 Outputs (Using Test Circuit 1)
Voltage High
ILOAD = -1mA, Tone Disabled
VCC-0.5
VCC-0.3
VCC
V
Voltage Low
ILOAD = 5mA, Tone Enabled
0
0.3
0.5
V
Notes:
1. VPOL stimulus applied via 20k resistors. All levels measured on the input to these resistors.
2. ESD sensitive, handling precautions are recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com