Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2016 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLNB2016
Description  STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2016 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLNB2016 Datasheet HTML 1Page - Diodes Incorporated ZLNB2016 Datasheet HTML 2Page - Diodes Incorporated ZLNB2016 Datasheet HTML 3Page - Diodes Incorporated ZLNB2016 Datasheet HTML 4Page - Diodes Incorporated ZLNB2016 Datasheet HTML 5Page - Diodes Incorporated ZLNB2016 Datasheet HTML 6Page - Diodes Incorporated ZLNB2016 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZLNB2016
ZLNB2016
Document number: DS32073 Rev. 1 - 2
4 of 7
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Test Circuit
 
V2
(See Note 1)
V1
3.3V
CF1
180pF
RP1
20k
CF2
180pF
ZLNB2016
RP2
20k
Note 1: V2 Characteristics
Type:-
AC source
Frequency:- 22kHz
Voltage:-
300mVp/p Enabled
Tone Input (V2)
TD Outputs
Switching Delays
Zero Disabled
BTD1
BTD2
TD2
FIN1
TD1
VPOL1
VPOL2
FIN2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com