Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 35Page - NXP Semiconductors LPC1311 Datasheet HTML 36Page - NXP Semiconductors LPC1311 Datasheet HTML 37Page - NXP Semiconductors LPC1311 Datasheet HTML 38Page - NXP Semiconductors LPC1311 Datasheet HTML 39Page - NXP Semiconductors LPC1311 Datasheet HTML 40Page - NXP Semiconductors LPC1311 Datasheet HTML 41Page - NXP Semiconductors LPC1311 Datasheet HTML 42Page - NXP Semiconductors LPC1311 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
39 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(3V3) = VDD(IO) = 3.3 V; standard port pins.
Fig 19. Typical pull-down current Ipd versus input voltage Vi
VI (V)
0
5
4
23
1
002aae989
40
20
60
80
Ipd
(
µA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com