Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 45Page - NXP Semiconductors LPC1311 Datasheet HTML 46Page - NXP Semiconductors LPC1311 Datasheet HTML 47Page - NXP Semiconductors LPC1311 Datasheet HTML 48Page - NXP Semiconductors LPC1311 Datasheet HTML 49Page - NXP Semiconductors LPC1311 Datasheet HTML 50Page - NXP Semiconductors LPC1311 Datasheet HTML 51Page - NXP Semiconductors LPC1311 Datasheet HTML 52Page - NXP Semiconductors LPC1311 Datasheet HTML 53Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
49 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Fig 31. Package outline (HVQFN33)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
- - -
hvqfn33_po
09-03-17
09-03-23
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
7.1
7.0
6.9
4.85
4.70
4.55
7.1
7.0
6.9
0.65
4.55
0.75
0.60
0.45
0.1
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN33: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 7 x 7 x 0.85 mm
A1
b
0.35
0.28
0.23
cD(1)
Dh
E(1)
Eh
4.85
4.70
4.55
ee1
e2
4.55
Lv
0.1
w
0.05
y
0.08
y1
0
2.5
5 mm
scale
terminal 1
index area
B
A
D
E
C
y
C
y1
X
detail X
A1
A
c
b
e2
e1
e
e
A
C
B
v
C
w
terminal 1
index area
Dh
Eh
L
9
16
32
33
25
17
24
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com