Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 9Page - NXP Semiconductors LPC1311 Datasheet HTML 10Page - NXP Semiconductors LPC1311 Datasheet HTML 11Page - NXP Semiconductors LPC1311 Datasheet HTML 12Page - NXP Semiconductors LPC1311 Datasheet HTML 13Page - NXP Semiconductors LPC1311 Datasheet HTML 14Page - NXP Semiconductors LPC1311 Datasheet HTML 15Page - NXP Semiconductors LPC1311 Datasheet HTML 16Page - NXP Semiconductors LPC1311 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
13 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
TDI/PIO0_11/AD0/
CT32B0_MAT3
21[3]
I
TDI — Test Data In for JTAG interface.
I/O
PIO0_11 — General purpose digital input/output pin.
I
AD0 — A/D converter, input 0.
O
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
TMS/PIO1_0/AD1/
CT32B1_CAP0
22[3]
I
TMS — Test Mode Select for JTAG interface.
I/O
PIO1_0 — General purpose digital input/output pin.
I
AD1 — A/D converter, input 1.
I
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
TDO/PIO1_1/AD2/
CT32B1_MAT0
23[3]
O
TDO — Test Data Out for JTAG interface.
I/O
PIO1_1 — General purpose digital input/output pin.
I
AD2 — A/D converter, input 2.
O
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
TRST/PIO1_2/AD3/
CT32B1_MAT1
24[3]
I
TRST — Test Reset for JTAG interface.
I/O
PIO1_2 — General purpose digital input/output pin.
I
AD3 — A/D converter, input 3.
O
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/AD4/
CT32B1_MAT2
25[3]
I/O
SWDIO — Serial wire debug input/output.
I/O
PIO1_3 — General purpose digital input/output pin.
I
AD4 — A/D converter, input 4.
O
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/AD5/
CT32B1_MAT3/WAKEUP
26[3]
I/O
PIO1_4 — General purpose digital input/output pin.
I
AD5 — A/D converter, input 5.
O
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
I
WAKEUP — Deep power-down mode wake-up pin. This pin must be pulled
HIGH externally to enter Deep power-down mode and pulled LOW to exit
Deep power-down mode.
PIO1_5/RTS/
CT32B0_CAP0
30[1]
I/O
PIO1_5 — General purpose digital input/output pin.
O
RTS — Request To Send output for UART.
I
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
31[1]
I/O
PIO1_6 — General purpose digital input/output pin.
I
RXD — Receiver input for UART.
O
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
32[1]
I/O
PIO1_7 — General purpose digital input/output pin.
O
TXD — Transmitter output for UART.
O
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_8/CT16B1_CAP0
7[1]
I/O
PIO1_8 — General purpose digital input/output pin.
I
CT16B1_CAP0 — Capture input 0 for 16-bit timer 1.
PIO1_9/CT16B1_MAT0
12[1]
I/O
PIO1_9 — General purpose digital input/output pin.
O
CT16B1_MAT0 — Match output 0 for 16-bit timer 1.
Table 4.
LPC1311/13/42/43 HVQFN33 pin description table …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com