Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1766 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC1766 Datasheet HTML 39Page - NXP Semiconductors LPC1766 Datasheet HTML 40Page - NXP Semiconductors LPC1766 Datasheet HTML 41Page - NXP Semiconductors LPC1766 Datasheet HTML 42Page - NXP Semiconductors LPC1766 Datasheet HTML 43Page - NXP Semiconductors LPC1766 Datasheet HTML 44Page - NXP Semiconductors LPC1766 Datasheet HTML 45Page - NXP Semiconductors LPC1766 Datasheet HTML 46Page - NXP Semiconductors LPC1766 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
43 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[3]
VDD(REG)(3V3) = 3.3 V; Tamb = 25 °C for all power consumption measurements.
[4]
LPC1769 only.
[5]
IRC running at 4 MHz; main oscillator and PLL disabled; PCLK = CCLK
⁄
8.
[6]
BOD disabled.
[7]
On pin VBAT; IDD(REG)(3V3) = 520 nA; VDD(REG)(3V3) = 3.3 V; VBAT = 3.3 V; Tamb = 25 °C.
[8]
On pin VBAT; VBAT = 3.3 V; Tamb = 25 °C.
[9]
All internal pull-ups disabled. All pins configured as output and driven LOW. VDD(3V3) = 3.3 V; Tamb = 25 °C.
[10] VDDA = 3.3 V; Tamb = 25 °C.
[11] Vi(VREFP) = 3.3 V; Tamb = 25 °C.
[12] Including voltage on outputs in 3-state mode.
[13] VDD(3V3) supply voltages must be present.
[14] 3-state outputs go into 3-state mode in Deep power-down mode.
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
−0.5
1.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
−0.5
1.8
1.95
V
Vi(RTCX1)
input voltage on pin
RTCX1
−0.5
1.8
1.95
V
Vo(RTCX2)
output voltage on pin
RTCX2
−0.5
1.8
1.95
V
USB pins (LPC1769/68/66/65/64 only)
IOZ
OFF-state output
current
0 V < VI < 3.3 V
-
-
±10
μA
VBUS
bus supply voltage
-
-
5.25
V
VDI
differential input
sensitivity voltage
|(D+) − (D−)|
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 kΩ to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 kΩ to GND
2.8
-
3.5
V
Ctrans
transceiver capacitance pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not high-speed
capable
with 33
Ω series resistor;
steady state drive
[18] 36
-
44.1
Ω
Table 6.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com