Electronic Components Datasheet Search
  English  ▼

X  

PCF2129A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 14Page - NXP Semiconductors PCF2129A Datasheet HTML 15Page - NXP Semiconductors PCF2129A Datasheet HTML 16Page - NXP Semiconductors PCF2129A Datasheet HTML 17Page - NXP Semiconductors PCF2129A Datasheet HTML 18Page - NXP Semiconductors PCF2129A Datasheet HTML 19Page - NXP Semiconductors PCF2129A Datasheet HTML 20Page - NXP Semiconductors PCF2129A Datasheet HTML 21Page - NXP Semiconductors PCF2129A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
18 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The output pin BBS can be used as a supply for battery backup devices such as SRAM
(see Ref. 3 “AN10857”). For this case, Figure 7 shows the typical driving capability when
VBBS is driven from VDD.
8.5.3 Battery low detection function
The PCF2129A has a battery low detection circuit which monitors the status of the battery
VBAT.
When VBAT drops below the threshold value Vth(bat)low (typically 2.5 V) the BLF flag
(register Control_3) is set to indicate that the battery is low and that it must be replaced. A
low battery will not ensure data integrity during periods of backup battery operation.
Monitoring of the battery voltage also occurs during battery operation.
When VBAT drops below the threshold value Vth(bat)low, the following sequence occurs (see
Figure 8):
1. The battery low flag BLF is set logic 1.
2. An interrupt is generated if the control bit BLIE (register Control_3) is enabled
(see Section 8.12.7).
3. The flag BLF remains logic 1 until the battery is replaced. BLF cannot be cleared
using the interface. It is cleared automatically by the battery low detection circuit when
the battery is replaced.
Fig 8.
Battery low detection behavior with bit BLIE logic 1 (enabled)
001aaj322
internal power supply (= VBBS)
VBAT
BLF
Vth(bat)low
(= 2.5 V)
VBAT
VDD = VBBS
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com