Electronic Components Datasheet Search
  English  ▼

X  

PCF2129A Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 27Page - NXP Semiconductors PCF2129A Datasheet HTML 28Page - NXP Semiconductors PCF2129A Datasheet HTML 29Page - NXP Semiconductors PCF2129A Datasheet HTML 30Page - NXP Semiconductors PCF2129A Datasheet HTML 31Page - NXP Semiconductors PCF2129A Datasheet HTML 32Page - NXP Semiconductors PCF2129A Datasheet HTML 33Page - NXP Semiconductors PCF2129A Datasheet HTML 34Page - NXP Semiconductors PCF2129A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
31 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
• When the watchdog timer counter reaches 1, the watchdog timer flag WDTF (register
Control_2) is set logic 1
• When a minute or second interrupt occurs, the minute/second flag MSF (register
Control_2) is set logic 1 (see Section 8.12.1).
The watchdog timer flag WDTF is read only and cannot be cleared with the interface.
WDTF can be cleared by
• loading a value in register Watchdg_tim_val
• reading of the register Control_2
Writing logic 0 or logic 1 to WDTF has no effect.
8.10.4 Pre-defined timers: second and minute interrupt
PCF2129A has two pre-defined timers which are used to generate an interrupt either once
per second or once per minute. The pulse generator for the minute or second interrupt
operates from an internal 64 Hz clock. It is independent of the watchdog timer. Each of
these timers can be enabled by the bits SI (second interrupt) and MI (minute interrupt) in
register Control_1.
8.10.5 Clearing flags
The flags MSF, AF, and TSFx can be cleared by using the interface. To prevent one flag
being overwritten while clearing another, a logic AND is performed during the write
access. A flag is cleared by writing logic 0 whilst a flag is not cleared by writing logic 1.
Writing logic 1 will result in the flag value remaining unchanged.
Two examples are given for clearing the flags. Clearing a flag is made by a write
command:
• Bits labeled with - must be written with their previous values
• Bits labeled with T have to be written with logic 0
• WDTF is read only and has to be written with logic 0
Repeatedly re-writing these bits has no influence on the functional behavior.
Counter reached 1, WDTF is logic 1, an interrupt is generated.
Fig 17. WD_CD set logic 1: watchdog activates an interrupt when timed out
001aag062
watchdog
timer value
WDTF
n = 1
n
MCU
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com