Electronic Components Datasheet Search
  English  ▼

X  

PCF2129A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 23Page - NXP Semiconductors PCF2129A Datasheet HTML 24Page - NXP Semiconductors PCF2129A Datasheet HTML 25Page - NXP Semiconductors PCF2129A Datasheet HTML 26Page - NXP Semiconductors PCF2129A Datasheet HTML 27Page - NXP Semiconductors PCF2129A Datasheet HTML 28Page - NXP Semiconductors PCF2129A Datasheet HTML 29Page - NXP Semiconductors PCF2129A Datasheet HTML 30Page - NXP Semiconductors PCF2129A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
27 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.9.1 Register Second_alarm
[1]
Default value.
8.9.2 Register Minute_alarm
[1]
Default value.
8.9.3 Register Hour_alarm
[1]
Default value.
[2]
Hour mode is set by the bit 12_24 in register Control_1.
Table 25.
Second_alarm - second alarm register (address 0Ah) bit description
Bit
Symbol
Value
Place value Description
7
AE_S
0
-
second alarm is enabled
1[1]
-
second alarm is disabled
6 to 4 SECOND_ALARM
0 to 5
ten’s place
second alarm information coded in BCD
format
3to0
0to9
unit place
Table 26.
Minute_alarm - minute alarm register (address 0Bh) bit description
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1[1]
-
minute alarm is disabled
6 to 4 MINUTE_ALARM
0 to 5
ten’s place
minute alarm information coded in BCD
format
3to0
0to9
unit place
Table 27.
Hour_alarm - hour alarm register (address 0Ch) bit description
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1[1]
-
hour alarm is disabled
6
-
-
-
unused
12 hour mode[2]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOUR_ALARM
0 to 1
ten’s place
hour alarm information coded in BCD
format when in 12 hour mode
3to0
0to9
unit place
24 hour mode[2]
5 to 4 HOUR_ALARM
0 to 2
ten’s place
hour alarm information coded in BCD
format when in 24 hour mode
3to0
0to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com