Electronic Components Datasheet Search
  English  ▼

X  

RK168 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK168
Description  Rotary Motor-driven Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK168 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK168 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
361
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Rotary Motor-driven Type
RK168/RK271 Series
Metal Shaft Potentiometer
(68.35)
25
(18.1) 15.1
31.6
7
R1
R2
2
M8
G0.75
C1
12
12 3
1
60
˚
22.7
27
10
Shaft shown in
full CCW position
2-2.6
G1.2 square holes
30.5
5
10
6-ø1.2 holes
Mounting
surface
Dimensions
Unit:mm
No.
2
3
4
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
2-ø2.65
2-ø2.35
ø3
0.8
C1
M9
G0.75
2
R1
R2
R3
R4
12
(49.25)
25
(18.1)
27.6
7
60
˚
25
18.7
Shaft shown in
full CCW position
2-ø2.65
2-ø2.35
ø3
0.8
C1
M9
G0.75
2
R1
R2
R3
R4
R5
R6
12
(53.6)
25
(18.1)
31.95
7
60
˚
25
18.7
Shaft shown in
full CCW position
2-2.6
G1.2 square holes
Mounting surface
12.3 7.5 7.5
16-ø1 holes
R1 R3
R2 R4 1 2 3
COM
4-dummy
qwe
2-2.6
G1.2 square holes
Mounting surface
19.7
12.3
7.5
24-ø1 holes
2-ø1.2 holes
6-dummy
R5
R6 1 2 3
R3
R1
R4
R2
7.5
4.35
COM
qwe
16mm size
Single-shaft, quad.-unit
RK16814MG
16mm size
Single-shaft,
6-ganged unit
RK16816MG
27mm size
Single-shaft, dual-unit
RK27112MC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com