Electronic Components Datasheet Search
  English  ▼

X  

RK168 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK168
Description  Rotary Motor-driven Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK168 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK168 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
360
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Refer to P.363 for attached parts.
Rotary Motor-driven Type
RK168/RK271 Series
Remote controllable and available in a wide variety of products.
Typical Specifications
Items
Specifications
RK168
RK271
Total resistance tolerance
±20%
Maximum operating voltage
50V AC
10 to 40mN
・m
30V AC
15
to 45mN・m
Total rotational angle
300
±5°
Rotational torque
Operating life
15,000cycles
Operating temperature range
−10
℃ to +70℃
Motor voltage
4 to 6V DC
(Standerd:4.5V DC)
Potentiometer rotational speed
(sec/300°
)
12
±3(4.5V DC)
Maximum operating current
At rotation
:100mA /
At end slip
:150mA
Type
16mm
size
27mm
size
Model
Number of
resistor
elements
Shaft
type
Length of
the shaft
(mm)
Total
resistance
(kΩ)
Resistance
taper
Motor
print
terminal
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
RK1681
□MG0
Dual-
unit
Quad-
unit
6 ganged-
unit
Dual-
unit
Flat
100
20
100
With
RK16812MG099
200
1
25
3B
15A
3B
Without
RK16814MG02R
2
With
RK16816MGA04
3
RK27112MC0
15A
Without
RK27112MC030
150
4
Product Line
Metal Shaft Potentiometer
Dimensions
Unit:mm
No.
1
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
2-ø2.65
2-ø2.35
ø3
0.8
C1
M9
G0.75
2
R1
R2
(44.9)
25
(18.1)
23.25
712
60
˚
25
18.7
Shaft shown in
full CCW position
2-2.6G1.2 square holes
Mounting surface
19.7
15.5 7.5
8-¿1 holes
2-¿1.2 holes
2-dummy
R1
R2123
COM
qwe
16mm size
Single-shaft, dual-unit
RK16812MG


Similar Part No. - RK168

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK16812MG099 ALPS-RK16812MG099 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
logo
List of Unclassifed Man...
RK16812MG099 ETC-RK16812MG099 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
RK16812MG09T ETC-RK16812MG09T Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK16814MGA0K ALPS-RK16814MGA0K Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
logo
List of Unclassifed Man...
RK16814MGA0K ETC-RK16814MGA0K Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RK168

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
AV06-XX-28 ATM-AV06-XX-28 Datasheet
70Kb / 1P
OUTLINE, AV06 MOTOR-DRIVEN ATTENUATOR
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
Outdoor Motor Driven Industrial Siren
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
Motor Driven Card Reader
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com