Electronic Components Datasheet Search
  English  ▼

X  

RK168 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK168
Description  Rotary Motor-driven Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK168 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK168 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK168 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
362
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
16mm Size
(RK168 Series)Shaft Variety
L1
12
C1
Shaft shown in full CCW position
60°
L1
20
25
30
Unit:mm
16mm Size
(RK168 Series)Standard Dimensions of Bushing and Fixing Lug
7
M9G0.75
2
18.7
2-ø2.35 holes
2-ø2.65 holes
ø3
Unit:mm
Style of Printed Terminal for Motor
Unit:mm
2
19.7
2-ø1.2 holes
2-2.6G1.2 square holes
2
20.7
2-ø1.2 holes
2-2.6G1.2 square holes
For exclusive use of RK168
Types other than RK168
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Basic Motor Specifications
Type
16mm size
27mm size
Number of unit
Model
Motor type
Sealed
case
Motor printed
terminal
Motor
voltage
Potentiometer
rotational
speed
Max.
operating
current
Single-shaft,
dual-unit
RK16812MG
Single-shaft,
quad.-unit
RK16814MG
Single-shaft,
5-ganged-unit
RK16815MG
Single-shaft,
6-ganged-unit
RK16816MG
Single-shaft,
dual-unit
RK27112MC
Single-shaft,
quad.-unit
RK27114MC
Available
Available
4 to 6V DC
(Standard:4.5)
12
±3sec/300°
(4.5V DC)
At rotation
100mA
At end slip
150mA
(4.5V DC)
Total Resistance Variety
Total resistance
(kΩ)
10
20
50
100
Resistance Taper
Resistance taper
15A
3B
marked are specifications recommended by ALPS.
Note
Rotary Motor-driven Type
RK168/RK271 Series
Metal Shaft Potentiometer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com