Electronic Components Datasheet Search
  English  ▼

X  

1206 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # 1206
Description  POLYPROPYLENE and FOIL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1206 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  1206 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1206TF-1
50 VDC
1206TF-2
100 VDC
1206TF-3
150 VDC
1206TF-3
200 VDC
1206TF-3
400 VDC
1206TF-3
600 VDC
Cap.
µµµµµF
T
W
L
T
W
L
T
W
L
T
W
L
EFC
1206TF
1206TF
<
><
L _.050"
>
1.625"
Min.
_ .050"
+
+_ .050"
W
T
<
>
Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG
Oval
Wrap and Fill
+
DIMENSIONS and RATINGS
T
W
L
T
W
L
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
.120
.120
.120
.120
.120
.120
.120
.120
.120
.130
.140
.160
.180
.120
.130
.150
.170
.190
.210
.230
.200
.230
.250
.280
.320
.300
.330
.330
.370
.410
.370
.410
.450
.500
.560
.550
.610
.570
.620
.730
.210
.210
.210
.210
.210
.210
.210
.210
.210
.220
.240
.250
.280
.210
.230
.240
.260
.280
.310
.330
.300
.320
.350
.380
.420
.390
.430
.420
.460
.500
.460
.500
.550
.600
.660
.650
.700
.670
.750
.850
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.690
1.690
.120
.120
.120
.120
.120
.120
.120
.120
.130
.150
.170
.190
.120
.140
.150
.180
.200
.220
.190
.210
.230
.260
.290
.260
.290
.330
.320
.360
.410
.350
.390
.430
.480
.540
.520
.590
.570
.670
.770
.900
1.020
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
.210
.210
.210
.210
.210
.210
.210
.210
.230
.240
.260
.280
.210
.220
.230
.250
.270
.290
.310
.280
.300
.330
.360
.390
.380
.420
.450
.490
.530
.510
.560
.600
.650
.710
.690
.760
.770
.870
.970
1.100
1.220
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.940
1.940
1.940
.120
.120
.120
.120
.120
.120
.140
.150
.170
.110
.130
.140
.160
.180
.210
.180
.200
.220
.250
.280
.310
.270
.310
.340
.340
.380
.420
.370
.420
.460
.510
.490
.550
.610
.590
.670
.680
.800
1.000
.210
.210
.210
.210
.210
.220
.230
.250
.270
.210
.220
.240
.260
.280
.300
.270
.300
.320
.340
.370
.400
.400
.430
.470
.460
.500
.550
.540
.580
.630
.680
.650
.710
.780
.790
.870
.870
.990
1.200
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.190
1.190
1.190
1.940
1.940
.120
.120
.130
.170
.190
.120
.130
.150
.170
.190
.210
.230
.200
.220
.250
.280
.310
.270
.300
.340
.320
.360
.410
.350
.400
.440
.500
.560
.540
.590
.570
.630
.700
.710
.790
.900
.920
1.080
.210
.210
.230
.260
.280
.210
.230
.240
.260
.280
.300
.330
.290
.310
.340
.370
.410
.400
.430
.460
.450
.490
.530
.510
.560
.610
.660
.730
.700
.760
.760
.830
.900
.910
.990
1.100
1.110
1.270
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.690
1.940
1.940
1.440
2.250
2.250
.120
.120
.120
.140
.160
.210
.230
.170
.190
.210
.240
.270
.300
.350
.280
.320
.300
.340
.380
.420
.350
.390
.440
.490
.560
.520
.590
.570
.640
.700
.700
.780
.870
.960
.990
1.120
1.230
.210
.210
.210
.240
.260
.300
.320
.260
.280
.310
.330
.360
.400
.380
.410
.450
.430
.460
.500
.540
.510
.560
.610
.660
.720
.690
.750
.760
.8300
.900
.900
.970
1.060
1.160
1.180
1.310
1.430
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.690
1.940
1.940
1.940
1.940
2.250
2.250
2.250
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
.120
.120
.120
.120
.120
.120
.120
.120
.130
.150
.170
.190
.120
.140
.150
.180
.200
.220
.190
.210
.230
.260
.290
.260
.290
.330
.320
.360
.410
.350
.390
.430
.480
.540
.520
.590
.570
.670
.770
.900
1.020
.210
.210
.210
.210
.210
.210
.210
.210
.230
.240
.260
.280
.210
.220
.230
.250
.270
.290
.310
.280
.300
.330
.360
.390
.380
.420
.450
.490
.530
.510
.560
.600
.650
.710
.690
.760
.770
.870
.970
1.100
1.220
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.690
1.690
1.940
1.940
1.940
Polypropylene
and Foil
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com