Electronic Components Datasheet Search
  English  ▼

X  

1206 Datasheet(PDF) 7 Page - Electronic Film Capacitors, Inc.

Part # 1206
Description  POLYPROPYLENE and FOIL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1206 Datasheet(HTML) 7 Page - Electronic Film Capacitors, Inc.

  1206 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7.5
.295
10
.394
10
.394
10
.394
15
.591
15
.591
15
.591
20
.787
20
.787
22.5
.886
22.5
.886
22.5
.886
22.5
.886
27.5
1.08
27.5
1.08
<
S _.025"
>
<
L _.010"
>
DIMENSIONS and RATINGS
1206EFR
_ .010"
+
H
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
Epoxy Case
(Radial Leads)
T
_ .010"
+
< >
1.00 "
MIN
Lead Specs.
Tinned Copperweld
B through E cases: 22 AWG
F through Q cases: 20 AWG
CASE
SIZE
mm
in.
mm
in.
LTH
S
mm
in.
10.5
.413
13
.512
13
.512
13
.512
18
.709
18
.709
18
.709
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
26.5
1.04
32
1.26
32
1.26
B
D
E
F
G
H
J
K
L
M
N
O
P
Q
C
4
.157
4
.157
5
.197
6
.236
5
.197
6
.236
7.5
.295
6
.236
7
.276
6
.236
7
.276
8.5
.335
10
.394
11
.433
13
.512
9
.354
9
.354
11
.433
12
.472
11
.433
12
.472
13.5
.531
15
.591
16
.630
15
.591
16
.630
16.3
.642
19
.748
20
.787
22
.866
EFC
1206EFR
+
+
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Polypropylene
and Foil
Capacitors
Cap.
µµµµµF
160/100
VDC/VAC
250/160
VDC/VAC
400/220
VDC/VAC
C
C
C
D
D
E
F
F
G
G
H
H
J/L
J/L
K/M
N
N
O
O
P
P
P
Q
Q
B
B
B
C
C
C
C
C
D
E
E
F
G
H
H
H
J/L
K/M
K/M
N
N
O
P
P
P
Q
Q
B
B
B
B
B
B
C
C
C
C
C
C
D
D
E
E
G
G
H
H
J/L
K/M
K/M
N
O
O
P
P
P
Q
B
B
B
B
B
B
B
B
B
C
C
C
C
C
D
D
E
E
F
G
G
H
H
J/L
K/M
N
N
O
O
P
P
Q
Q
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
D
D
E
E
E
G
G
H
H
J/L
K/M
N
N
O
O
P
P
P
Q
mm
in.
630/250
VDC/VAC
63/40
VDC/VAC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com