Electronic Components Datasheet Search
  English  ▼

X  

1206 Datasheet(PDF) 8 Page - Electronic Film Capacitors, Inc.

Part # 1206
Description  POLYPROPYLENE and FOIL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1206 Datasheet(HTML) 8 Page - Electronic Film Capacitors, Inc.

  1206 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1206 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Polypropylene
and Foil
Capacitors
1206DFR-3
100 VDC
1206DFR-3
250 VDC
1206DFR-3
400 VDC
Cap.
µµµµµF
T
L
H
T
L
H
T
L
H
T
L
H
1206DFR
DIMENSIONS and RATINGS
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629 * E-Mail: efc@filmcapacitors.com * FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
(All dimensions in millimeters)
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
Lead Specs. - Tinned Copperweld
Epoxy Dipped
(Radial Leads)
EFC
1206DFR
T
L
H
1206DFR-3
1000 VDC
1206DFR-3
630 VDC
1206DFR-3
160 VDC
T
L
H
L
S
10.5
7.5
0.6
13.0
10.0
0.6
18.5
15.0
0.8
26.0
22.0
0.8
31.0
27.0
0.8
36.0
32.0
0.8
44.0
38.0
0.8
DIA.
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.0
4.5
5.0
5.0
5.5
6.0
5.0
5.5
6.0
6.5
7.0
8.0
8.5
7.5
8.5
9.0
9.5
10.0
9.5
10.5
11.5
13.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
9.0
8.5
9.0
9.0
10.0
11.0
12.0
10.0
11.0
12.0
12.5
13.0
14.0
15.0
14.0
15.0
16.5
17.0
20.0
18.0
20.0
21.0
24.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
5.0
5.0
5.5
6.0
6.5
5.5
6.0
6.5
7.0
7.5
8.0
8.5
8.0
8.5
9.0
10.0
9.5
10.5
11.5
12.5
13.5
13.5
15.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
9.0
9.0
9.0
10.0
11.0
12.0
12.5
11.0
12.0
12.5
13.0
13.5
14.0
15.0
14.0
15.0
16.5
19.0
17.0
20.0
21.0
22.0
24.0
24.0
27.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.5
5.0
5.5
6.0
6.5
6.5
5.5
6.0
6.5
7.0
7.5
8.0
8.5
8.0
8.5
9.0
9.5
9.5
10.0
11.5
10.5
13.5
13.5
15.5
14.0
16.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
9.5
9.0
10.0
11.0
12.0
12.0
12.5
11.0
12.0
12.5
13.0
13.5
14.0
15.0
14.0
15.0
16.5
18.0
18.0
19.0
21.0
22.0
24.0
24.0
28.0
25.0
28.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
44.0
4.0
4.0
4.0
4.0
4.0
4.5
5.0
5.0
5.5
6.0
6.5
5.0
5.5
6.0
6.5
7.5
8.5
7.0
7.5
8.0
8.5
9.5
9.5
10.0
10.5
11.5
13.0
13.0
14.0
13.5
15.0
8.0
8.0
8.0
8.5
9.0
9.0
9.5
10.0
11.0
12.0
12.5
10.0
11.0
12.0
12.5
14.0
15.0
13.0
14.0
15.0
16.0
18.0
17.0
19.0
20.0
21.0
23.0
23.0
25.0
24.0
27.0
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
44.0
4.5
4.5
4.5
5.0
5.0
6.0
6.5
5.0
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7.5
8.0
8.5
9.5
10.0
10.0
9.5
10.5
12.0
13.0
13.0
14.5
14.0
16.0
17.0
18.0
8.5
8.5
9.0
9.5
10.0
12.0
12.5
9.5
10.0
11.0
12.0
12.5
13.0
13.5
14.0
14.0
15.0
16.0
17.0
19.0
19.0
18.0
20.0
22.0
24.0
24.0
26.0
25.5
28.0
32.0
34.0
10.5
10.5
10.5
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
44.0
44.0
44.0
5.0
5.0
5.5
6.0
5.0
5.5
6.0
6.5
7.0
7.5
9.5
7.5
8.5
8.5
9.0
9.5
9.5
10.0
11.0
12.0
13.0
12.0
13.0
13.5
15.0
16.5
18.0
10.0
10.0
11.0
12.0
9.5
11.0
12.0
12.5
13.0
14.0
17.0
14.0
15.0
16.0
17.0
18.0
18.0
19.0
20.0
22.0
24.0
22.0
24.0
25.0
27.0
30.0
34.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
44.0
44.0
44.0
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
<
>
>
<
"L"
max
<
"H"
max
"T"
max
"S"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com