Electronic Components Datasheet Search
  English  ▼

X  

SRGA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGA
Description  Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SRGA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental
Type
Absolute
Type
207
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2.05
Ground term.
ø5
17
16.4
Deepness 6 min.
17
11.7
13
c
2
3
1
4
1.5
3
5.5
ø1.55
14
2.05
18
6-ø0.9 holes
ø1.55 hole
ø1.55 hole
ø1.5 hole
17.5
2.5 2.5
2.5
3
2.5
2
4
135
C
※
¿3.1
4.8
18
2.7
8
0.5
1.7
1
a
3.5
PC board mounting face
hole
A
Dimensions
Unit:mm
Unit:mm
Detail of a
Style
PC board mounting hole dimensions
(Viewed from the Direction A)
Standard
R0.5
1
2
No.
※45 of SRGAV80601 and 5 of SRGAVC0301 are dummy terminals.
Note
13
Standard Code(Viewed from Direction A)
Number of
positions
Code
Gray
1
2
3
4
5
1 2
●
3
●
●
4
●
5
●
●
6
●
●
●
7
●
●
8
●
9
●
●
10
●
●
●
11
●
●
●
●
12
●
●
●
13
●
●
14
●
●
●
15
●
●
16
●
17
●
●
18
●
●
●
19
●
●
●
●
20
●
●
●
21
●
●
●
●
22
●
●
●
●
●
23
●
●
●
●
24
●
●
●
Posit
ion
Ter
m
ina
l
24
12
8
● The marks show the ON position.
※For terminal alignment, please refer to the illustration.
※Please note that there might be ON output of the dummy terminal in the circuit design.
SRGAR
Number of
positions
Code
Gray
1
2
3
4
1
●
●
2
●
3
●
●
4
●
●
●
5
●
●
●
●
6
●
●
●
7
●
●
8
●
9
●
●
10
●
11
●
●
12
●
●
●
13
●
●
14 15 16 17 18 19 20 21 22 23 24
Posit
ion
Ter
m
ina
l
SRGA
Metal Shaft Type
SRGA Series
Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com