Electronic Components Datasheet Search
  English  ▼

X  

SRGA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGA
Description  Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRGA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Incremental
Type
Absolute
Type
206
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Hollow Shaft Type
SRGA Series
Product Line
0.1A 12V DC/50
BA 3V DC
10,000cycles
1
Ω max./1Ω max.
10,000cycles
(0.1A 12V DC)
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial/After operating life)
Operating life
Without load
With load
Typical Specifications
Vertical
20
±10
Without
detent
Gray
8
12
24
13
45˚
30˚
15˚
SRGAV80601
SRGAVC0301
SRGAVQ1100
SRGAR10100
Output
code
Product No.
Positions
Changeover
angle
Standard
(hollow shaft)
Reflow
1,680
900
Minimum order
unit
(pcs.)
Type
Operating
direction
Torque
(mN・m)
1
2
Drawing
No.
Hollow shaft vertical encoders deliver increased ease of use.
Encoder
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please contact us for automotive use products.
3. Please place purchase orders per minimum order unit (integer).
Notes
Taping Specification (Taping Packaging)
Reel Size
¿380
33.4
Unit:mm
300
300
600
32
Number of packages
(pcs.)
Tape width
(mm)
SRGAR10100
Series
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SRGA

ManufacturerPart #DatasheetDescription
logo
ALPS ALPINE CO., LTD.
SRGA ALPSALPINE-SRGA Datasheet
445Kb / 4P
Encoder 5mm Size Hollow Shaft Type
logo
Tripp Lite. All Rights ...
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
More results

Similar Description - SRGA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com