Electronic Components Datasheet Search
  English  ▼

X  

SRGA Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGA
Description  Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGA Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRGA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRGA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Incremental
Type
Absolute
Type
179
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Rotational
direction
Push
direction
List of Varieties
Soldering
Dimensions
(mm)
Shaft types
Operating
direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Type
Photo
Output
Changeover
angle
Page
Series
Dip soldering
Reflow soldering
Vertical/Horizontal
Without
With knob
SRGH
14.4
18
20
15.6
19
7.5
8
10.5
22.5°, 36°
15°, 24°, 30°, 45°
Shuttle part:All angles rotation 160°
Jog part:All angles rotation 360°
40°, 12.8°
Absolute type
Single-shaft/
Dual-shaft
202
206
204
Absolute type
SRRQ
SRGA
With Knob
Hollow shaft
Metal shaft
35
43.7
8.6
SRGPHJ
Jog-shuttle
208
Vertical
Single-shaft
Hollow shaft
The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
300±10℃, 3
s
+1
0
300±10℃, 3
s
+1
0
350±10℃, 3
s
+1
0
260
±5℃, 10±1s
Please see P.209
260
±5℃, 5±1s
1
Ω max.
100M
Ω min. 100V DC
100V AC for 1minute
Shall be in accordance with individual specifications.
5N for 1minute
5N
100N
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Initial contact
resistance
Output
voltage
Shuttle
part
Jog part
Insulation resistance
Voltage proof
Rotational torque
Terminal strength
Vibration
4V min. at 1mA 5V DC
(resistive load)
0.6 N
・m
Resistance to
soldering
heat
ー10℃ to +60℃
ー40℃ to +85℃
ー10℃ to +60℃
Operating temperature range
ー20±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Cold
Dry heat
Damp heat
Measuring
terminal
Measuring
circuit
5V
5K½
Encoders



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com