Electronic Components Datasheet Search
  English  ▼

X  

AS1112B Datasheet(PDF) 11 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 11 Page - ams AG

Back Button AS1112B Datasheet HTML 7Page - ams AG AS1112B Datasheet HTML 8Page - ams AG AS1112B Datasheet HTML 9Page - ams AG AS1112B Datasheet HTML 10Page - ams AG AS1112B Datasheet HTML 11Page - ams AG AS1112B Datasheet HTML 12Page - ams AG AS1112B Datasheet HTML 13Page - ams AG AS1112B Datasheet HTML 14Page - ams AG AS1112B Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
11 - 18
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Power Dissipation
To ensure proper operation of the device, the total power dissipation of the AS1112 must be below the power dissipa-
tion rating of the device package. Total power dissipation is calculated as:
Where:
VCC is the device supply voltage;
ICC is the device supply current;
VOUT is the device OUTn voltage when driving LED current;
IMAX is the LED current adjusted by RIREF;
DCn is the maximum dot correction value for OUTn;
n is the number of OUTn driving LED at the same time;
dPWM is the duty cycle defined by pin OEN or the greyscale PWM value.
Operating Modes
The AS1112 operates in two modes (see Table 11). Greyscale operating mode (see Figure 12 on page 13) and the shift
registers are in reset state at power-up.
Setting Dot Correction
The AS1112 can perform independent fine-adjustments to the output current of each channel, i.e., dot correction. Dot
correction is used to adjust brightness deviations of LEDs connected to the output channels (OUT0:OUT15).
The device powers up with the following default seetings: DC = 63 and GS = 4095.
The 16 channels can be individually programmed with a 6-bit word. The channel output can be adjusted in 64 steps
from 0 to 100% of the maximum output current (IMAX). The output current for each OUTn channel can be calculated as:
Where:
IMAX is the maximum programmable output current for each output;
DCn is the programmed dot correction value for output (DCn = 0 to 63);
n = 0 to 15
Dot correction data are simultaneously entered for all channels. The complete dot correction data format consists of 16
x 6-bit words, which forms a 96-bit serial data packet (see Figure 9). Channel data is put on one by one, and the data
is clocked in with the MSB first.
Figure 9. Dot Correction Data Packet Format
Table 11. Operating Modes
Mode
Input Shift Register
Operating Mode
0
192-bit
Greyscale PWM Mode
1
96-bit
Dot Correction Data Input Mode
PD = (VCC x ICC) + (VOUT x IMAX x n x
DCn
63
(EQ 2)
dPWM)
IOUTn = IMAX x
DCn
63
(EQ 3)
DC0.0
DC0.5
DC1.0
DC14.5
DC15.0
DC15.5
LSB
DC OUT0
DC OUT14:DC OUT1
...
...
...
DC OUT15
MSB
95
90
89
6
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com