Electronic Components Datasheet Search
  English  ▼

X  

AS1112B Datasheet(PDF) 16 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 16 Page - ams AG

Back Button AS1112B Datasheet HTML 10Page - ams AG AS1112B Datasheet HTML 11Page - ams AG AS1112B Datasheet HTML 12Page - ams AG AS1112B Datasheet HTML 13Page - ams AG AS1112B Datasheet HTML 14Page - ams AG AS1112B Datasheet HTML 15Page - ams AG AS1112B Datasheet HTML 16Page - ams AG AS1112B Datasheet HTML 17Page - ams AG AS1112B Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
16 - 18
AS1112
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in an 32-pin TQFN 5x5 mm package.
Figure 16. 32-pin TQFN 5x5 mm Package
Common Dimensions
Symbol
Min
Nom
Max
Symbol
Min
Nom
Max
A0.80
1.00
e
0.5
BSC
A1
0.203
REF
L
0.30
0.40
0.50
b
0.18
0.23
0.30
L1
0.10
D
5.00
BSC
P
45°
BSC
E
5.00
BSC
aaa
0.15
D1
3.50
3.60
3.70
ccc
0.10
E1
3.50
3.60
3.70
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5 M-194.
2. All dimensions are in millimeters while angle is in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm and 0.30mm from the terminal tip.
Dimension L1 represents terminal full back from package edge up to 0.1mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal
5. Radius on terminal is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com