Electronic Components Datasheet Search
  English  ▼

X  

AS1112B Datasheet(PDF) 15 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 15 Page - ams AG

Back Button AS1112B Datasheet HTML 10Page - ams AG AS1112B Datasheet HTML 11Page - ams AG AS1112B Datasheet HTML 12Page - ams AG AS1112B Datasheet HTML 13Page - ams AG AS1112B Datasheet HTML 14Page - ams AG AS1112B Datasheet HTML 15Page - ams AG AS1112B Datasheet HTML 16Page - ams AG AS1112B Datasheet HTML 17Page - ams AG AS1112B Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
15 - 18
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Serial Data Transfer Rate
Figure 15 shows a cascaded arrangement AS1112 devices connected to a controller, building a basic module of an
LED display system.
Figure 15. Cascaded Configuration
The maximum number of cascading AS1112 devices depends on the application system and is in the range of 40
devices. The minimum frequency needed can be calculated by the following equations:
Where:
fGSCLK is the minimum frequency needed for GSCLK;
fUPDATE is the update rate of whole cascaded system.
Where:
fCLK is the minimum frequency needed for CLK and SIN;
fUPDATE is the update rate of whole cascaded system;
n is the number of cascaded of AS1112 devices.
IREF
VCC
LD
GSCLK
MODE
OEN
SDO
AS1112
100nF
SDI
XERR
CLK
GND
VCC
...
LD
GSCLK
MODE
OEN
SDO
OUT15
OUT0
AS1112
SDI
XERR
CLK
...
...
SIN
XERR
CLK
LD
GSCLK
MODE
OEN
OUT15
OUT0
SOUT
6
VCC
100kΩ
VLED
VLED
VLED
VLED
Controller
TEST
IREF
VCC
100nF
GND
VCC
TEST
fGSCLK = 4096 x fUPDATE
(EQ 5)
(EQ 6)
fCLK = 193 x fUPDATE x n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com