Electronic Components Datasheet Search
  English  ▼

X  

AS1355 Datasheet(PDF) 1 Page - ams AG

Part # AS1355
Description  300mA, Triple LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1355 Datasheet(HTML) 1 Page - ams AG

  AS1355 Datasheet HTML 1Page - ams AG AS1355 Datasheet HTML 2Page - ams AG AS1355 Datasheet HTML 3Page - ams AG AS1355 Datasheet HTML 4Page - ams AG AS1355 Datasheet HTML 5Page - ams AG AS1355 Datasheet HTML 6Page - ams AG AS1355 Datasheet HTML 7Page - ams AG AS1355 Datasheet HTML 8Page - ams AG AS1355 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AS1355
300mA, Tr iple LDO
www.austriamicrosystems.com
Revision 0.08
1 - 11
Preliminary Datasheet
1 General Description
The AS1355 is a high-performance triple CMOS low-
dropout voltage regulator in a single QFN package. The
efficient set of programmable power supplies is opti-
mized to deliver the best compromise between quies-
cent current and regulator performance for mobile
phones, PDAs, MP3 players, and other battery powered
devices.
Stability is guaranteed with ceramic output capacitors of
only 1µF (±20% – X5R) up to 4.7µF (±20% – X5R). The
low equivalent series resistance (ESR) of these capaci-
tors ensures low output impedance at high frequencies.
Regulation performance is excellent even under low
dropout conditions, when the power transistor has to
operate in linear mode.
The low-noise performance allows direct connection of
noise sensitive circuits without additional filtering net-
works.
The AS1355 is available in a 16-pin QFN 3x3 package.
Figure 1. AS1355 - Typical Application Diagram
2 Key Features
!
3 Independent Voltage Regulators with Shutdown
!
Output Current: 300mA each LDO
!
Programmable Output Voltage Range: 1.25V to
3.6V in 50mV Steps
!
Accuracy: ±1.0%
!
PSRR: 70dB at 1kHz, 60dB at 100kHz
!
Line Regulation: ±2mV
!
Load Regulation: ±0.6mV
!
Supply Range: 2.3V to 5.5V
!
0.1V Dropout Voltage @ Iload = 200mA
!
Shutdown Current:
≤1µA
!
Supply Current Without Load: 160µA (typ)
!
Softstart for Low Inrush Current
!
Stable with low ESR Ceramic Capacitors from 1µF
to 4.7µF
!
Low Noise: 40µV rms @10Hz to 100kHz Bandwidth
!
Thermal Protection
!
Over-Current Protection
!
Temperature Range: -40°C to +85°C
!
16-pin QFN 3x3 Package
3 Applications
The AS1355 is ideal for cordless and mobile phones,
MP3 players, CD and DVD players, PDAs, hand-held
computers, digital cameras, and any other hand-held
battery-powered device.
1µF
3.3V
CREF = 100nF
(Improved Noise Performance)
µP
AS1355
VOUT1
VDD1
EN1
EN2
EN3
GND
REF
+5V
1µF
VDD2
VDD3
1µF
1.8V
VOUT2
1µF
1.5V
VOUT3
VDDA


Similar Part No. - AS1355

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1355 AMSCO-AS1355 Datasheet
281Kb / 12P
300mA, Triple LDO
AS1355-BQFT-WGD AMSCO-AS1355-BQFT-WGD Datasheet
281Kb / 12P
300mA, Triple LDO
AS1355-BQFT-WWD2 AMSCO-AS1355-BQFT-WWD2 Datasheet
281Kb / 12P
300mA, Triple LDO
AS1355-BQFT-WWW AMSCO-AS1355-BQFT-WWW Datasheet
281Kb / 12P
300mA, Triple LDO
AS1355 AMSCO-AS1355_04 Datasheet
281Kb / 12P
300mA, Triple LDO
More results

Similar Description - AS1355

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801 AME-AME8801 Datasheet
114Kb / 14P
300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
logo
ams AG
AS1355 AMSCO-AS1355_04 Datasheet
281Kb / 12P
300mA, Triple LDO
logo
Mitsumi Electronics, Co...
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
300mA LDO
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com