Electronic Components Datasheet Search
  English  ▼

X  

AS1355 Datasheet(PDF) 10 Page - ams AG

Part # AS1355
Description  300mA, Triple LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1355 Datasheet(HTML) 10 Page - ams AG

Back Button AS1355 Datasheet HTML 3Page - ams AG AS1355 Datasheet HTML 4Page - ams AG AS1355 Datasheet HTML 5Page - ams AG AS1355 Datasheet HTML 6Page - ams AG AS1355 Datasheet HTML 7Page - ams AG AS1355 Datasheet HTML 8Page - ams AG AS1355 Datasheet HTML 9Page - ams AG AS1355 Datasheet HTML 10Page - ams AG AS1355 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.austriamicrosystems.com
Revision 0.08
10 - 11
AS1355
Preliminary Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 4.
Non-standard devices are available between 1.25V and 3.6V in 50mV steps. For more information and inquiries con-
tact http://www.austriamicrosystems.com/contact
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1355-BQFT-WGD
ASSG
VOUT1 = 3.3V
300mA, Triple LDO
Tape and Reel
16-pin QFN 3x3
VOUT2 = 1.8V
VOUT3 = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com