Electronic Components Datasheet Search
  English  ▼

X  

AS1355 Datasheet(PDF) 5 Page - ams AG

Part # AS1355
Description  300mA, Triple LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1355 Datasheet(HTML) 5 Page - ams AG

  AS1355 Datasheet HTML 1Page - ams AG AS1355 Datasheet HTML 2Page - ams AG AS1355 Datasheet HTML 3Page - ams AG AS1355 Datasheet HTML 4Page - ams AG AS1355 Datasheet HTML 5Page - ams AG AS1355 Datasheet HTML 6Page - ams AG AS1355 Datasheet HTML 7Page - ams AG AS1355 Datasheet HTML 8Page - ams AG AS1355 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.austriamicrosystems.com
Revision 0.08
5 - 11
AS1355
Preliminary Datasheet - Ty pical Ope r at ing Chara c t e r i st ics
7 Typical Operating Characteristics
VDD = 4V, VOUT = 3.3V, COUT = 1µF, TAMB = +25°C (unless otherwise specified);
Figure 3. Load Regulation; VOUT vs. IOUT
Figure 4. Line Regulation; VOUT vs. VIN
3.24
3.26
3.28
3.3
3.32
3.34
3.36
0
50
100
150
200
250
300
Output Current (mA)
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
22.5
33.5
4
4.5
5
5.5
Input Voltage (V)
Figure 5. Output Voltage vs. Temp.; IOUT = 1mA
Figure 6. Quiescent Current vs. Temperature
3.24
3.26
3.28
3.3
3.32
3.34
3.36
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
80
100
120
140
160
180
200
220
240
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Figure 7. Startup; no Load, no CREF
Figure 8. Startup; RLOAD = 11
Ω, no CREF
50µs/Div
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com