Electronic Components Datasheet Search
  English  ▼

X  

AS1357 Datasheet(PDF) 9 Page - ams AG

Part # AS1357
Description  Programmable Triple LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1357 Datasheet(HTML) 9 Page - ams AG

Back Button AS1357 Datasheet HTML 2Page - ams AG AS1357 Datasheet HTML 3Page - ams AG AS1357 Datasheet HTML 4Page - ams AG AS1357 Datasheet HTML 5Page - ams AG AS1357 Datasheet HTML 6Page - ams AG AS1357 Datasheet HTML 7Page - ams AG AS1357 Datasheet HTML 8Page - ams AG AS1357 Datasheet HTML 9Page - ams AG AS1357 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.austriamicrosystems.com
Revision 1.07
9 - 10
AS1357
Data Sheet
9 Ordering Information
The AS1357 is available with preset LDO output voltages or customer-specific versions (with a minimum order quantity
of 30,000). Each customer-specific device is factory trimmed to the desired output voltage (see Table 9).
Table 4. Ordering Information
Part
LDO Values
Delivery Form
Package
AS1357-T
User-programmable LDO values 1
1. The values are programmed via the AS1352/57 programming board.
Tape and Reel
12-pin QFN 4x4
AS1357
User-programmable LDO values 1
Tray
12-pin QFN 4x4
AS1357V-T 2
2. Available upon request. Contact austriamicrosystems, AG for more information.
User-programmable LDO values 1
Tape and Reel
16-pin QFN 3x3
AS1357V 2
User-programmable LDO values 1
Tray
16-pin QFN 3x3
AS1357_A7A-T
VOUT1 = 2.8V, VOUT2 = 2.5V, VOUT3 = 2.8V
Tape and Reel
12-pin QFN 4x4
AS1357_uxy-T 3, 4
3. Customer-specific values are as follows:
u = Customer-specific VOUT1 value suffix.
x = Customer-specific VOUT2 value suffix.
y = Customer-specific VOUT3 value suffix.
4. “-T” suffix for tape and reel, no suffix for tray delivery form.
Customer-specific LDO values
---
12-pin QFN 4x4
AS1357V_uxy-T 2, 3, 4
Customer-specific LDO values
---
16-pin QFN 3x3
Table 5. Output Voltages Suffix Guide
Part
Suffix
Output Voltage
AS1357_uxy
F
3.3 V
E
3.2 V
D
3.1 V
C
3.0 V
B
2.9 V
A
2.8 V
9
2.7 V
8
2.6 V
7
2.5 V
6
2.4 V
5
2.3 V
4
2.2 V
3
2.1 V
2
2.0 V
1
1.9 V
0
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com