Electronic Components Datasheet Search
  English  ▼

X  

AS1357 Datasheet(PDF) 3 Page - ams AG

Part # AS1357
Description  Programmable Triple LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1357 Datasheet(HTML) 3 Page - ams AG

  AS1357 Datasheet HTML 1Page - ams AG AS1357 Datasheet HTML 2Page - ams AG AS1357 Datasheet HTML 3Page - ams AG AS1357 Datasheet HTML 4Page - ams AG AS1357 Datasheet HTML 5Page - ams AG AS1357 Datasheet HTML 6Page - ams AG AS1357 Datasheet HTML 7Page - ams AG AS1357 Datasheet HTML 8Page - ams AG AS1357 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.austriamicrosystems.com
Revision 1.07
3 - 10
AS1357
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sec-
tions of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to GND
-0.3
7
V
Any other pin to GND
-0.3
VDD + 0.3
V
Continuous Power Dissipation
QFN12 4x4mm
1100
2800
mW
Min value measured at TAMB = 85°C;
max value measured at TAMB = 25°C.
Package-Body Peak
Temperature
260
°C
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for non-hermetic
Solid State Surface Mount Devices”.
Operating Temperature
-40
85
°C
Storage Temperature
-65
150
°C
Electrostatic Discharge
Protection (ESD) Level
1
kV
HBM – Norm: MIL 883 E method 3015.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com