Electronic Components Datasheet Search
  English  ▼

X  

AS1357 Datasheet(PDF) 2 Page - ams AG

Part # AS1357
Description  Programmable Triple LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1357 Datasheet(HTML) 2 Page - ams AG

  AS1357 Datasheet HTML 1Page - ams AG AS1357 Datasheet HTML 2Page - ams AG AS1357 Datasheet HTML 3Page - ams AG AS1357 Datasheet HTML 4Page - ams AG AS1357 Datasheet HTML 5Page - ams AG AS1357 Datasheet HTML 6Page - ams AG AS1357 Datasheet HTML 7Page - ams AG AS1357 Datasheet HTML 8Page - ams AG AS1357 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.austriamicrosystems.com
Revision 1.07
2 - 10
AS1357
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View – Not To Scale)
Pin Descriptions
Table 1. Pin Descriptions
12-pin QFN 4x4
Pin Number
16-pin QFN 3x3
Pin Number
Pin Name
Description
21
EN1
VOUT1 Digital Input Enable
116
EN2
VOUT2 Digital Input Enable
12
15
EN3
VOUT3 Digital Input Enable
9
11, 12
GND
Negative Supply Voltage.
Note: All GND pins must be connected together externally.
13
-
GND
Negative Supply Voltage. This pin is the exposed pad.
Note: All GND pins must be connected together externally.
10
13
REF
Analog Reference Voltage.
Note: Connect to 100nF capacitor during normal operation.
3, 8
2, 3, 4, 9, 10
VDD
Positive Supply Voltage.
Note: All VDD pins must be connected together externally.
45
VOUT1
Regulated Analog Output Voltage 1
56
VOUT2
Regulated Analog Output Voltage 2
67
VOUT3
Regulated Analog Output Voltage 3
7,11
8, 14
N/C
Not connected.
AS1357
12-pin QFN
4x4
GND
VOUT3
VOUT2
VOUT1
EN3
N/C
REF
10
6
9
(Exposed Pad)
VDD
8
N/C
7
5
4
11
12
EN2
1
EN1
2
VDD
3
GND
13
GND
VOUT2
VOUT1
EN3
N/C
REF
13
6
12
VDD
10
5
14
15
EN1
1
VDD
2
VDD
4
AS1357
16-pin QFN
3x3
VDD
3
VOUT3
7
N/C
8
VDD
9
GND
11
EN2
16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com