Electronic Components Datasheet Search
  English  ▼

X  

AS1702V-T Datasheet(PDF) 1 Page - ams AG

Part # AS1702V-T
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702V-T Datasheet(HTML) 1 Page - ams AG

  AS1702V-T Datasheet HTML 1Page - ams AG AS1702V-T Datasheet HTML 2Page - ams AG AS1702V-T Datasheet HTML 3Page - ams AG AS1702V-T Datasheet HTML 4Page - ams AG AS1702V-T Datasheet HTML 5Page - ams AG AS1702V-T Datasheet HTML 6Page - ams AG AS1702V-T Datasheet HTML 7Page - ams AG AS1702V-T Datasheet HTML 8Page - ams AG AS1702V-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS1702 - AS1705
1.8W Single-Channel Audio Power Amplifiers
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.47
1 - 20
1 General Description
The AS1702 - AS1705 are single-channel differential
audio power-amplifiers designed to drive 4 and 8
Ω
loads. The integrated gain circuitry of these amplifiers
and their small size make them ideal for 2.7- to 5V-pow-
ered portable audio devices.
The differential input design improves noise rejection
and provides common-mode rejection. A bridge-tied
load (BTL) design minimizes external component count,
while providing high-fidelity audio power amplification.
The devices deliver 1.8W continuous average power per
channel to a 4
Ω load with less than 1% total harmonic
distortion (plus noise), while operating from a single 2.7
to 5V supply.
For reduced component designs, the devices are avail-
able with different gain levels as shown in Table 1.
Integrated shutdown circuitry disables the bias genera-
tor and amplifiers, and reduces quiescent current con-
sumption to less than 100nA. The shutdown input can
be set active-high or active-low. All devices contain click-
and-pop suppression circuitry that reduces audible
clicks and pops during power-up and shutdown.
The AS1702 - AS1705 are pin compatible with the
LM4895 and the MAX9718A/B/C/D. The devices are
available in a 10-pin MSOP package and a 10-pin DFN
package.
Figure 1. Simplified Block Diagram
2 Key Features
!
2.7 to 5.5V (VCC) Single-Supply Operation
!
THD+N: 1.8W into 4
Ω at 1% (per Channel)
!
Differential Input
!
Adjustable Gain Option (AS1702)
!
Internal Fixed Gain to Reduce External Component
Count (AS1703, AS1704, AS1705)
!
<100nA Low-Power Shutdown Mode
!
Click and Pop Suppression
!
Pin-Compatible to National Semiconductor LM4895
(AS1705) and Maxim MAX9718A/B/C/D
!
Operating Temperature Range: -40 to +85ºC
!
Package Types
- 10-pin MSOP
- 10-pin DFN
3 Applications
The devices are ideal as audio front-ends for battery
powered audio devices such as MP3 and CD players,
mobile phones, PDAs, portable DVD players, and any
other hand-held battery-powered device.
Table 1. Standard Products
Model
Gain
AS1702
Adjustable (via external components)
AS1703
AV = 0dB
AS1704
AV = 3dB
AS1705
AV = 6dB
AS1702/AS1703/
AS1704/AS1705
Single Supply 2.7
to 5.5V
RL = 4 or 8
Ω
+
–
4
IN+
10
OUT+
2
IN-
1
SHDN
3
SHDM
6
OUT-
9
VCC
7
GND


Similar Part No. - AS1702V-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
AS1702-T AMSCO-AS1702-T Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1702V-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
Audio Power Amplifiers (Continued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com