Electronic Components Datasheet Search
  English  ▼

X  

AS1702V-T Datasheet(PDF) 4 Page - ams AG

Part # AS1702V-T
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702V-T Datasheet(HTML) 4 Page - ams AG

  AS1702V-T Datasheet HTML 1Page - ams AG AS1702V-T Datasheet HTML 2Page - ams AG AS1702V-T Datasheet HTML 3Page - ams AG AS1702V-T Datasheet HTML 4Page - ams AG AS1702V-T Datasheet HTML 5Page - ams AG AS1702V-T Datasheet HTML 6Page - ams AG AS1702V-T Datasheet HTML 7Page - ams AG AS1702V-T Datasheet HTML 8Page - ams AG AS1702V-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
4 - 20
AS1702 - AS1705
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
5V Operation
Table 4. Electrical Characteristics – 5V Supply, TAMB = +25ºC (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
TAMB = -40 to +85ºC
2.7
5.5
V
ICC
Supply Current
1
1. Quiescent power supply current is specified and tested with no load. Quiescent power supply current depends on
the offset voltage when a practical load is connected to the amplifier.
VIN- = VIN+ = VBIAS;TAMB = -40 to +85ºC
8
10.4
mA
ISHDN
Shutdown Supply
SHDN = SHDM = GND
0.05
1
µA
VIH
SHDN, SHDM
Threshold
0.7 x VCC
V
VIL
0.3 x VCC
VBIAS
Common-Mode Bias
Voltage
2
2. Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
VCC/2 - 5% VCC/2 VCC/2 + 5%
V
VOS
Output Offset Voltage
VIN- = VIN+ = VBIAS
AV = 0dB (AS1703)
±1
±10
mV
AV = 3dB (AS1704)
±1
±15
AV = 6dB (AS1705)
±1
±20
VIC
Common-Mode Input
Voltage
3
3. Guaranteed by design.
Inferred from CMRR
Test
AV = 0dB (AS1703)
0.2
VCC - 0.2
V
AV = 3dB (AS1704)
0.9
VCC - 0.9
AV = 6dB (AS1705)
1.5
VCC - 1.5
External Gain AS1702
1.5
VCC - 1.5
RIN
Input Impedance
AS1703, AS1704, AS1705
10
15
20
k
Ω
CMRR
Common-Mode
Rejection Ratio
fN = 1kHz
-64
dB
PSRR
Power Supply
Rejection Ratio
VIN- = VIN+ = VBIAS;
VRIPPLE = 200mVp-p;
RL = 8
Ω; CBIAS = 1µF
f = 217Hz
-79
dB
f = 1kHz
-73
POUT
Output Power
4
4. Guaranteed by design.
THD+N = 1%;
fIN = 1kHz
RL = 8
Ω
0.8
1.25
W
RL = 4
Ω
1.8
THD+N
Total Harmonic
Distortion plus Noise
5
5. Measurement bandwidth for THD+N is 22Hz to 22kHz.
RL = 4
Ω, fIN = 1kHz, POUT = 1.28W,
VCC = 5V, AV = 6dB
0.06
%
RL = 8
Ω, fIN = 1kHz, POUT = 0.9W,
VCC = 5V, AV = 6dB
0.03
Gain Accuracy
AS1703, AS1704, AS1705
±1
±2
%
Thermal Shutdown
Threshold
+145
ºC
Thermal Shutdown
Hysteresis
9ºC
tPU
Power-up/Enable from
Shutdown Time
125
ms
tSHDN
Shutdown Time
3.5
µs
VPOP
Turn-Off Transient
6
6. Peak voltage measured at power-on, power-off, into or out of SHDN. Bandwidth defined by A-weighted filters,
inputs at AC GND. VCC rise and fall times
≥ 1ms.
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com