Electronic Components Datasheet Search
  English  ▼

X  

AS1702V-T Datasheet(PDF) 3 Page - ams AG

Part # AS1702V-T
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702V-T Datasheet(HTML) 3 Page - ams AG

  AS1702V-T Datasheet HTML 1Page - ams AG AS1702V-T Datasheet HTML 2Page - ams AG AS1702V-T Datasheet HTML 3Page - ams AG AS1702V-T Datasheet HTML 4Page - ams AG AS1702V-T Datasheet HTML 5Page - ams AG AS1702V-T Datasheet HTML 6Page - ams AG AS1702V-T Datasheet HTML 7Page - ams AG AS1702V-T Datasheet HTML 8Page - ams AG AS1702V-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
3 - 20
AS1702 - AS1705
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
†
Using PCB metal plane and thermally-conductive paste.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comments
Supply Voltage (VCC to GND)
-0.3
+7
V
Any Other Pin to GND
-0.3
VCC + 0.3
V
Input Current (Latchup Immunity)
-50
50
mA
JEDEC 17
Continuous Power Dissipation
(TAMB = +70ºC)
†
600
mW
MSOP-10
Continuous Power Dissipation
(TAMB = +25ºC)
†
1,000
mW
MSOP-10
Electro-Static Discharge (ESD)
1
kV
Human Body Model and MIL-Std883E
3015.7 methods
Operating Temperature Range
(TAMB)
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification
for Non-Hermetic Solid State Surface Mount
Devices”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com