Electronic Components Datasheet Search
  English  ▼

X  

CHA2194 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2194 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
36-44GHz Low Noise Amplifier
CHA2194
Ref : DSCHA21942035 -04-Feb.-02
3/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Result
Chip Typical Response ( On wafer Scattering parameters ) :
Tamb = +25°C
Vd=3.5V Id=+42mA
F(GHz)
S11
S12
S21
S22
mod
Pha
mod
Pha
mod
Pha
mod
Pha
dB
deg
dB
deg
dB
deg
dB
deg
2,00
-4,39
-56,73
-75,42
44,36
-37,71
179,84
-0,11
-26,01
4,00
-3,92
-86,19
-68,73
-0,07
-38,99
144,86
-0,41
-51,53
6,00
-3,01
-111,00
-68,42
-40,89
-38,00
82,75
-0,87
-75,92
8,00
-2,33
-132,18
-62,78
-61,43
-31,40
-24,55
-1,53
-98,47
10,00
-1,87
-149,64
-58,07
-92,78
-22,10
-68,40
-2,33
-120,41
12,00
-1,57
-164,59
-54,16
-118,46
-15,19
-121,90
-3,50
-140,34
14,00
-1,35
-177,94
-51,89
-167,25
-11,48
-177,68
-4,77
-158,48
16,00
-1,25
169,65
-52,93
158,44
-10,44
129,48
-6,27
-176,02
18,00
-1,16
157,50
-51,04
165,85
-11,48
84,35
-8,13
163,01
20,00
-1,09
144,51
-49,77
164,40
-15,47
49,64
-12,66
138,91
22,00
-1,01
130,06
-48,14
114,15
-22,72
64,72
-16,87
134,36
24,00
-0,99
113,68
-47,48
73,88
-18,51
144,50
-25,93
129,23
25,00
-1,00
104,41
-48,97
61,97
-10,74
152,58
-35,08
177,75
26,00
-1,05
93,20
-48,69
52,80
-4,00
142,49
-27,71
-121,39
27,00
-1,15
80,32
-48,51
18,34
1,96
125,50
-25,75
-116,09
28,00
-1,42
63,49
-49,95
6,77
7,45
100,83
-22,24
-115,84
29,00
-2,17
40,77
-47,16
-37,23
12,59
70,07
-25,05
-110,45
30,00
-4,74
10,16
-44,24
-94,27
16,78
28,35
-21,79
-68,00
31,00
-11,78
-12,14
-41,60
-147,89
18,62
-19,04
-15,03
-77,79
32,00
-17,20
17,23
-41,18
175,51
18,62
-57,49
-13,03
-96,11
33,00
-16,20
20,67
-41,81
148,47
18,49
-87,41
-12,36
-107,46
34,00
-17,00
-2,28
-39,78
125,02
18,57
-113,67
-11,84
-116,00
35,00
-19,78
-48,40
-39,87
112,63
18,87
-138,52
-11,68
-122,31
3
36
6,,0
00
0
--2
20
0,,4
49
9
--1
11
19
9,,6
64
4
--3
39
9,,2
25
5
9
98
8,,4
45
5
1
19
9,,3
30
0
--1
16
64
4,,0
01
1
--1
11
1,,1
17
7
--1
12
27
7,,6
64
4
3
37
7,,0
00
0
--1
17
7,,3
37
7
--1
17
75
5,,0
00
0
--3
37
7,,9
96
6
8
86
6,,4
45
5
1
19
9,,6
60
0
1
17
70
0,,4
44
4
--1
10
0,,9
94
4
--1
13
33
3,,3
38
8
3
38
8,,0
00
0
--1
14
4,,9
90
0
1
14
48
8,,1
19
9
--3
36
6,,5
53
3
7
76
6,,6
61
1
1
19
9,,7
70
0
1
14
43
3,,8
82
2
--1
10
0,,6
68
8
--1
14
40
0,,1
12
2
3
39
9,,0
00
0
--1
14
4,,3
38
8
1
11
19
9,,4
40
0
--3
35
5,,3
30
0
5
57
7,,4
46
6
1
19
9,,6
60
0
1
11
18
8,,7
71
1
--1
10
0,,9
97
7
--1
14
45
5,,8
87
7
4
40
0,,0
00
0
--1
14
4,,1
17
7
9
99
9,,7
78
8
--3
33
3,,6
63
3
3
38
8,,2
26
6
1
19
9,,5
51
1
9
94
4,,3
31
1
--1
10
0,,8
84
4
--1
14
48
8,,1
12
2
4
41
1,,0
00
0
--1
14
4,,2
23
3
8
81
1,,4
41
1
--3
33
3,,7
70
0
2
20
0,,3
37
7
1
19
9,,1
12
2
7
70
0,,5
56
6
--1
10
0,,3
39
9
--1
15
54
4,,4
43
3
4
42
2,,0
00
0
--1
14
4,,4
45
5
6
68
8,,0
04
4
--3
32
2,,6
62
2
5
5,,4
49
9
1
19
9,,0
06
6
4
46
6,,8
84
4
--1
10
0,,3
36
6
--1
15
59
9,,3
30
0
4
43
3,,0
00
0
--1
13
3,,4
44
4
5
54
4,,3
31
1
--3
32
2,,0
01
1
--1
15
5,,0
03
3
1
19
9,,1
10
0
2
22
2,,8
80
0
--9
9,,7
76
6
--1
16
66
6,,7
74
4
4
44
4,,0
00
0
--1
11
1,,6
65
5
3
37
7,,4
44
4
--3
31
1,,0
08
8
--3
35
5,,8
85
5
1
19
9,,0
06
6
--3
3,,1
12
2
--9
9,,1
13
3
1
17
78
8,,4
41
1
45,00
-9,14
15,96
-30,72
-59,51
18,88
-30,61
-9,22
158,00
46,00
-6,61
-8,98
-31,56
-86,95
18,39
-60,43
-9,63
130,78
47,00
-4,21
-34,87
-33,12
-117,26
17,52
-91,46
-10,19
94,17
48,00
-3,45
-62,16
-35,95
-136,86
15,52
-122,46
-11,03
49,86
49,00
-2,71
-84,52
-37,02
-153,94
13,00
-148,98
-10,81
7,88
50,00
-2,35
-102,45
-38,27
165,40
10,38
-171,73
-9,71
-23,44



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com