Electronic Components Datasheet Search
  English  ▼

X  

CHA2194 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2194 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CHA2194
Ref : DSCHA21942035 -04-Feb.-02
1/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-44GHz Low Noise Amplifier
Self biased
GaAs Monolithic Microwave IC
Description
The circuit is a three-stage self biased wide
band
monolithic
low
noise
amplifier,
designed for 36GHz to 44GHz point to point
and point to multipoint communication .
The circuit is manufactured with a standard
HEMT process : 0.25µm gate length, via
holes through the substrate, air bridges and
electron beam gate lithography.
It is supplied in chip form.
Main Feature
§ Broad band performance 36-44GHz
§ 3dB noise figure
§ 19dB gain, ± 0.5dB gain flatness
§ Low DC power consumption, 45mA
§ 20dBm 3rd order intercept point
§ Chip size : 1.670 x 0.970x 0.1mm
Main Characteristics
On wafer typical measurement
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
NF
Noise figure at freq : 40GHz
3
4
dB
G
Gain
17
19
dB
∆G
Gain flatness
± 0.5
± 1
dB
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
Frequency ( GHz )
-25,00
-15,00
-5,00
5,00
15,00
25,00
dBS21
NF
dBS11
dBS22


Similar Part No. - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194 Datasheet
224Kb / 10P
36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
36-44GHz Low Noise Amplifier
More results

Similar Description - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
36-44GHz Variable Attenuator
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
36-44GHz Multifunction Down-Converter
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
36-40GHz Low Noise Amplifier
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
36-44GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
34-44GHz Low Noise Amplifier
CHA2494-QEG UMS-CHA2494-QEG_15 Datasheet
640Kb / 14P
34-44GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
36-44GHz Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com